Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM971 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # TSM971
Description  Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSM971 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button TSM971 Datasheet HTML 4Page - Silicon Laboratories TSM971 Datasheet HTML 5Page - Silicon Laboratories TSM971 Datasheet HTML 6Page - Silicon Laboratories TSM971 Datasheet HTML 7Page - Silicon Laboratories TSM971 Datasheet HTML 8Page - Silicon Laboratories TSM971 Datasheet HTML 9Page - Silicon Laboratories TSM971 Datasheet HTML 10Page - Silicon Laboratories TSM971 Datasheet HTML 11Page - Silicon Laboratories TSM971 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TSM971/72/73/82/84
Page 8
TSM971/72/73/82/84 Rev. 1.0
TYPICAL PERFORMANCE CHARACTERISTICS
V+ = 5V; V- = GND; TA = +25°C, unless otherwise noted.
SINGLE-SUPPLY VOLTAGE - V
2
1
TSM984 Supply Current vs
Low Supply Voltages
1.5
2.5
10
0.1
VREF - VHYST - mV
-40
-80
TSM971/973/982
Hysteresis Control
-20
0
-60
10
20
0
30
40
TEMPERATURE - ºC
-15
10
TSM984 Supply Current vs
Temperature
-40
35
60
85
OUTPUT HIGH
LOAD CAPACITANCE - nF
Response Time vs
Load Capacitance
20
40
0
60
80
V- = 0V
5
3
6
7
4
8
9
10
IN+ = IN- + 100mV
V+ = 5V, V- = -5V
V+ = 5V, V- = 0V
V+ = 3V, V- = 0V
50
60
20
80
40
OUTPUT LOW
NO CHANGE
100
6
8
10
12
14
16
18
VOHL
IN+ INPUT VOLTAGE - mV
-0.3 -0.2
1
0
TSM971/972/984
Transfer Function
-0.4
0
3
4
2
0.1 0.2 0.3
5
-0.1
0.4
Response Time For Various
Input Overdrives (High-to-Low)
10mV
20mV
50mV
100mV
0
0
1
2
100
5
3
4
0
2
-2
4
6
8 10 12 14 16 18
RESPONSE TIME - µs


Similar Part No. - TSM971

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TSM971 TOUCHSTONE-TSM971 Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
TSM971C TOUCHSTONE-TSM971C Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
TSM971CSA++ TOUCHSTONE-TSM971CSA+ Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
TSM971CSA+T TOUCHSTONE-TSM971CSA+T Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
TSM971CUA++ TOUCHSTONE-TSM971CUA+ Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
More results

Similar Description - TSM971

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX971 MAXIM-MAX971 Datasheet
325Kb / 17P
   Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
Rev 3; 2/03
logo
Touchstone Semiconducto...
TSM971 TOUCHSTONE-TSM971 Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
logo
Touchstone Semiconducto...
TSM931 TOUCHSTONE-TSM931 Datasheet
1Mb / 20P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Silicon Laboratories
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Maxim Integrated Produc...
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com