Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM973 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # TSM973
Description  Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSM973 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button TSM973 Datasheet HTML 2Page - Silicon Laboratories TSM973 Datasheet HTML 3Page - Silicon Laboratories TSM973 Datasheet HTML 4Page - Silicon Laboratories TSM973 Datasheet HTML 5Page - Silicon Laboratories TSM973 Datasheet HTML 6Page - Silicon Laboratories TSM973 Datasheet HTML 7Page - Silicon Laboratories TSM973 Datasheet HTML 8Page - Silicon Laboratories TSM973 Datasheet HTML 9Page - Silicon Laboratories TSM973 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TSM971/72/73/82/84
Page 6
TSM971/72/73/82/84 Rev. 1.0
ELECTRICAL CHARACTERISTICS – 3V OPERATION
V+ = 3V, V- = GND = 0V; TA = -40ºC to +85ºC, unless otherwise noted. Typical values are at TA = +25ºC. See Note 1.
PARAMETER
CONDITIONS
MIN
TYP
TSM
UNITS
POWER REQUIREMENTS
Supply Current
IN+ = IN- + 100mV
TSM971;
HYST = REF
TA = +25°C
2.4
3.0
μA
TA = -40°C to +85°C
3.8
TSM972
TA = +25°C
2.4
3.0
TA = -40°C to +85°C
3.8
TSM973
TSM982;
HYST = REF
TA = +25°C
3.4
4.3
TA = -40°C to +85°C
5.8
TSM984
TA = +25°C
5.2
6.2
TA = -40°C to +85°C
8.0
COMPARATOR
Input Offset Voltage
VCM = 1.5V
±10
mV
Input Leakage Current (IN-, IN+)
IN+ = IN- = 1.5V
C/E temp ranges
±0.01
±5
nA
Input Leakage Current (at HYST Pin)
TSM971, TSM973, TSM982
±0.02
nA
Input Common-Mode Voltage Range
V-
V+ – 1.3V
V
Common-Mode Rejection Ratio
V- to (V+ – 1.3V)
0.2
1.0
mV/V
Power-Supply Rejection Ratio
V+ = 2.5V to 11V
0.1
1.0
mV/V
Voltage Noise
100Hz to 100kHz
20
μV
RMS
Hysteresis Input Voltage Range
TSM971, TSM973, TSM982
REF- 0.05V
REF
V
Response Time
(High-to-Low Transition)
TA = +25°C; 100pF load;
1M
Ω Pullup to V+
Overdrive = 10 mV
12
μs
Overdrive = 100 mV
4
Response Time
(Low-to-High Transition)
TA = +25°C; 100pF load; 1MΩ Pullup to V+. See Note 3
300
μs
Output Low Voltage
TSM9x2, TSM973
IOUT = 0.8mA
V- + 0.4
V
TSM971, TSM984
IOUT = 0.8mA
GND + 0.4
Output Leakage Current
VOUT = 11V
100
nA
REFERENCE
Reference Voltage
TSM971, TSM973
TA = 0°C to +70°C, 1%
1.170
1.182
1.194
V
TA = -40°C to +85°C, 2%
1.158
1.206
V
TSM982, TSM984
TA = 0°C to +70°C, 2%
1.158
1.182
1.206
V
TA = -40°C to +85°C, 3%
1.147
1.217
V
Source Current
TA = +25°C
15
25
μA
TA = -40°C to +85°C
6
Sink Current
TA = +25°C
8
15
μA
TA = -40°C to +85°C
4
Voltage Noise
100Hz to 100kHz
100
μV
RMS
Note 1: All specifications are 100% tested at TA = +25°C. Specification limits over temperature (TA = TMIN to TMAX) are guaranteed by
device characterization, not production tested.
Note 2: The TSM934 comparator operates below 2.5V. Refer to the “Low-Voltage Operation: V+ = 1.5V (TSM984 Only)
section.
Note 3: Low-to-high response time is due to a 1M
Ω pullup resistor and a 100pF capacitive load, based after three time constants. A smaller
RC combination results in a faster response time.


Similar Part No. - TSM973

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TSM973 TOUCHSTONE-TSM973 Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
TSM973C TOUCHSTONE-TSM973C Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
TSM973E TOUCHSTONE-TSM973E Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
More results

Similar Description - TSM973

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX971 MAXIM-MAX971 Datasheet
325Kb / 17P
   Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
Rev 3; 2/03
logo
Touchstone Semiconducto...
TSM971 TOUCHSTONE-TSM971 Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
logo
Touchstone Semiconducto...
TSM931 TOUCHSTONE-TSM931 Datasheet
1Mb / 20P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Silicon Laboratories
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Maxim Integrated Produc...
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com