Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM9120 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # TSM9120
Description  1.6V Nanopower Comparators with/without Internal References
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSM9120 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button TSM9120 Datasheet HTML 4Page - Silicon Laboratories TSM9120 Datasheet HTML 5Page - Silicon Laboratories TSM9120 Datasheet HTML 6Page - Silicon Laboratories TSM9120 Datasheet HTML 7Page - Silicon Laboratories TSM9120 Datasheet HTML 8Page - Silicon Laboratories TSM9120 Datasheet HTML 9Page - Silicon Laboratories TSM9120 Datasheet HTML 10Page - Silicon Laboratories TSM9120 Datasheet HTML 11Page - Silicon Laboratories TSM9120 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TSM9117-TSM9120
Page 8
TSM9117/20 Rev. 1.0
TSM9117/9119 Propagation Delay (tPD+)
vs Input Overdrive
6
8
10
12
14
16
40
20
0
60
40
20
0
0.01
0.1
10
100
1000
1
0
10
20
30
40
10
30
40
50
20
VCC =+1.8V
VCC =+5V
VCC =+3V
VCC =+1.8V
VCC =+5V
VCC =+3V
VCC =+1.8V
VCC =+5V
VCC =+3V
VCC =+1.8V
VCC =+5V
VCC =+3V
VCC =+1.8V
VCC =+5V
VCC =+3V
VCC =+1.8V
VCC =+5V
VCC =+3V
TEMPERATURE -
°C
CAPACITIVE LOAD -
nF
INPUT OVERDRIVE -
mV
INPUT OVERDRIVE -
mV
TEMPERATURE -
°C
CAPACITIVE LOAD -
nF
Propagation Delay (tPD-) vs Temperature
Propagation Delay (tPD-) vs Capacitive Load
Propagation Delay (tPD-) vs Input Overdrive
TSM9117/9119 Propagation Delay (tPD+) vs Capacitive Load
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = +5V; VEE = 0V; CL = 15pF; VOVERDRIVE = 100mV; TA = +25°C, unless otherwise noted.
-40
-15
10
35
85
60
-40
-15
10
35
85
60
TSM9117/9119 Propagation Delay (tPD+) vs Temperature
60
50
30
10
18
20
22
24
26
28
0.01
0.1
10
100
1000
1
80
100
120
140
160
180
200
60
40
20
0
80
100
120
140
160
180
50
40
30
20
10
50
60
70
80
30
20
10
40
50
60
70
0
0
0


Similar Part No. - TSM9120

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TSM9120 TOUCHSTONE-TSM9120 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
TSM9120ESA++ TOUCHSTONE-TSM9120ESA+ Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
TSM9120ESA+T TOUCHSTONE-TSM9120ESA+T Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
TSM9120EXK+T TOUCHSTONE-TSM9120EXK+T Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
More results

Similar Description - TSM9120

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Maxim Integrated Produc...
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Maxim Integrated Produc...
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com