Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG124 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # UG124
Description  ZigBee Contact Sensor Reference Design Kit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

UG124 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button UG124 Datasheet HTML 4Page - Silicon Laboratories UG124 Datasheet HTML 5Page - Silicon Laboratories UG124 Datasheet HTML 6Page - Silicon Laboratories UG124 Datasheet HTML 7Page - Silicon Laboratories UG124 Datasheet HTML 8Page - Silicon Laboratories UG124 Datasheet HTML 9Page - Silicon Laboratories UG124 Datasheet HTML 10Page - Silicon Laboratories UG124 Datasheet HTML 11Page - Silicon Laboratories UG124 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
5. Operation
5.1 ZigBee Network Behavior
This section describes the various operational states a powered contact sensor reference design is able to occupy as it joins and leaves
a ZigBee network. The input mechanism for operation utilizes a join button, S1. The red LED operates as output signaling information
as the reference design traverses or occupies a functional state. Refer to the figure below for a pictorial representation of this process.
OFF NETWORK
No LED Flashes
ON NETWORK
No LED flashes
NETWORK JOIN
Six LED flashes
ACTIVE NTWK SEARCH
One LED flash per
two seconds
LEAVE NETWORK
Three LED flashes per
two seconds
NETWORK STATUS
Six LED flashes
IDENTIFY
Two LED flashes per
two seconds for three minutes
Button press,
or power cycle
No joinable network
found for three minutes
Two button presses
Three button presses
One button
press >1 second
TAMPER DETECTED
Alarm message sent
If button held
>4 seconds
is released
No response from
network, wait
15 minutes
No response from network
-or-
4 button presses
-or-
power cycle
REJOIN NETWORK
No LED flashes
One button
press >1 second
A button press resets
three minute timer
Button held >4
seconds activates
tamper monitoring
Blink cycle ends
Joinable network
found
Mode time out
Mode time out
Figure 5.1. Device Operation State Diagram
5.1.1 First Time Contact Sensor Power-up
After the hardware has been powered for the first time, the device will be in a factory default mode and will be placed in the ACTIVE
NTWK SEARCH state. If the dimmer switch successfully joins a network is powered off at a later time, upon re-powering, it will enter
the REJOIN NETWORK state instead of the ACTIVE NTWK SEARCH state.
5.1.2 OFF NETWORK State
This state is a condition where the design is not connected to a network and is not searching for a network. To leave this state and
enter the ACTIVE NTWK SEARCH state, press the S1 button one time.
5.1.3 ACTIVE NTWK SEARCH State
This state is a condition where the contact sensor is actively searching for a network but has not yet joined a network. While in this
mode, the D1 LED will flash once every two seconds. This operation of actively searching for a network will remain for up to three mi-
nutes. If no network is found by the three minute time limit, the contact sensor will enter into the OFF NETWORK state. Power-cycling
or a button press while in this state will reset the three minute timer, while keeping the contact sensor in this state. If a network is found
it will leave this state and enter the NETWORK JOIN state.
5.1.4 NETWORK JOIN State
After a contact sensor leaves the ACTIVE NTWK SEARCH state and enters this state, the D1 LED will flash six times to indicate suc-
cessfully finding and joining a network. This state is temporary and will place the contact sensor into the ON NETWORK state once the
LEDs complete their flash sequence. Power cycling will only impair the LED flashes, and will not prevent entry into the ON NETWORK
STATE once the power is reapplied.
UG124: ZigBee® Contact Sensor Reference Design (RD-0030-0201) Kit User's Guide
Operation
silabs.com | Smart. Connected. Energy-friendly.
Rev. 0.4 | 7


Similar Part No. - UG124

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
UG120 ATMEL-UG120 Datasheet
38Kb / 7P
   0.6um ULC Series
logo
List of Unclassifed Man...
UG1212-A-R1 ETC2-UG1212-A-R1 Datasheet
130Kb / 4P
   Standard, piano and right angle models
UG1212-A-R1 ETC2-UG1212-A-R1 Datasheet
130Kb / 4P
   Distinctive features and specifications
logo
Vishay Siliconix
UG12HT VISHAY-UG12HT Datasheet
55Kb / 3P
   Ultrafast Rectifiers
30-Jul-02
UG12HT VISHAY-UG12HT Datasheet
143Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 09-Nov-07
More results

Similar Description - UG124

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
List of Unclassifed Man...
STDP4020-RD1 ETC1-STDP4020-RD1 Datasheet
636Kb / 14P
   Reference Design Eval Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-7053-ND24 AVAGO-ADNK-7053-ND24 Datasheet
98Kb / 6P
   Complete laser mouse reference design kit
logo
Freescale Semiconductor...
MC13192SARDUG FREESCALE-MC13192SARDUG Datasheet
685Kb / 24P
   Sensor Applications Reference Design (SARD)
logo
Silicon Laboratories
VOICE-RECORD-RD SILABS-VOICE-RECORD-RD Datasheet
573Kb / 10P
   VOICE RECORDER REFERENCE DESIGN KIT USER?셎
logo
International Rectifier
IRMD2336DJ IRF-IRMD2336DJ Datasheet
3Mb / 27P
   3 PHASE GATE DRIVER IC REFERENCE DESIGN KIT
IRMD26310DJ IRF-IRMD26310DJ Datasheet
3Mb / 28P
   3 PHASE GATE DRIVER IC REFERENCE DESIGN KIT
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Infineon Technologies A...
UG-2020-19 INFINEON-UG-2020-19 Datasheet
2Mb / 31P
   REF_Fridge_D111T_MOS user guide Refrigerator compressor driver reference design kit
V1.0 2020-10-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com