Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG124 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # UG124
Description  ZigBee Contact Sensor Reference Design Kit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

UG124 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button UG124 Datasheet HTML 7Page - Silicon Laboratories UG124 Datasheet HTML 8Page - Silicon Laboratories UG124 Datasheet HTML 9Page - Silicon Laboratories UG124 Datasheet HTML 10Page - Silicon Laboratories UG124 Datasheet HTML 11Page - Silicon Laboratories UG124 Datasheet HTML 12Page - Silicon Laboratories UG124 Datasheet HTML 13Page - Silicon Laboratories UG124 Datasheet HTML 14Page - Silicon Laboratories UG124 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
6. Hardware
This section describes the key aspects of the reference design.
6.1 ZigBee Contact Sensor Reference Design RD-0030
This section describes the key hardware specifics of the RD-0030 module.
Key Highlights:
• EM3587 ZigBee Pro radio with an embedded flash.
• Si7053 temperature sensor.
• Two-layer 0.031” printed circuit board.
Chip balun
+ PCB
XTAL
Optional
Flash
EM3587 with ARM Cortex
M3
Magnetic
reed switch
Si7053
temperature
sensor
Thermistor
Packet trace
+ debug
header
User LED +
pushbutton
Ember
ZNET PRO
ZigBee
Contact
Sensor
Firmware
Figure 6.1. Reference Design Block Diagram
Figure 6.2. Reference Design Front and Back
UG124: ZigBee® Contact Sensor Reference Design (RD-0030-0201) Kit User's Guide
Hardware
silabs.com | Smart. Connected. Energy-friendly.
Rev. 0.4 | 10


Similar Part No. - UG124

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
UG120 ATMEL-UG120 Datasheet
38Kb / 7P
   0.6um ULC Series
logo
List of Unclassifed Man...
UG1212-A-R1 ETC2-UG1212-A-R1 Datasheet
130Kb / 4P
   Standard, piano and right angle models
UG1212-A-R1 ETC2-UG1212-A-R1 Datasheet
130Kb / 4P
   Distinctive features and specifications
logo
Vishay Siliconix
UG12HT VISHAY-UG12HT Datasheet
55Kb / 3P
   Ultrafast Rectifiers
30-Jul-02
UG12HT VISHAY-UG12HT Datasheet
143Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 09-Nov-07
More results

Similar Description - UG124

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
List of Unclassifed Man...
STDP4020-RD1 ETC1-STDP4020-RD1 Datasheet
636Kb / 14P
   Reference Design Eval Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-7053-ND24 AVAGO-ADNK-7053-ND24 Datasheet
98Kb / 6P
   Complete laser mouse reference design kit
logo
Freescale Semiconductor...
MC13192SARDUG FREESCALE-MC13192SARDUG Datasheet
685Kb / 24P
   Sensor Applications Reference Design (SARD)
logo
Silicon Laboratories
VOICE-RECORD-RD SILABS-VOICE-RECORD-RD Datasheet
573Kb / 10P
   VOICE RECORDER REFERENCE DESIGN KIT USER?셎
logo
International Rectifier
IRMD2336DJ IRF-IRMD2336DJ Datasheet
3Mb / 27P
   3 PHASE GATE DRIVER IC REFERENCE DESIGN KIT
IRMD26310DJ IRF-IRMD26310DJ Datasheet
3Mb / 28P
   3 PHASE GATE DRIVER IC REFERENCE DESIGN KIT
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Infineon Technologies A...
UG-2020-19 INFINEON-UG-2020-19 Datasheet
2Mb / 31P
   REF_Fridge_D111T_MOS user guide Refrigerator compressor driver reference design kit
V1.0 2020-10-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com