Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM-2-510-120-00-03K Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BCM-2-510-120-00-03K
Description  Optimizes Battery Life
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BCM-2-510-120-00-03K Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BCM-2-510-120-00-03K Datasheet HTML 1Page - List of Unclassifed Manufacturers BCM-2-510-120-00-03K Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AULT INCORPORATED
7105 Northland Terrace | Minneapolis, Minnesota 55428 | USATEL (1) 763-592-1900
FAX (1) 763-592-1911 | E-MAIL info@aultinc.com | WEB www.aultinc.com
© Copyright 2002 Ault Inc.
Configuration: In Case IEC320 with ground
Please specify the Safety Timer Code in your order.
Connector
Input Configuration
BCM NiCd
WIDE RANGE BATTER Y CHARGERS
IEC320
w/ground
C14
(F)
1 = 1.5 hours
2 = 3.0 hours
3 = 6.0 hours
4 = 9.0 hours
Safety Timer Codes (*from pg. 1)
Pinout Code
Center contact: positive
Description
Switchcraft 760 plug or equivalent
Suggested Mating
Switchcraft 712A jack or equivalent
Other Connectors are available by special order
Input
Voltage
100-250 VAC -10%, +6%
Line Frequency
47 - 63 Hz
Current
0.5 max at 120 VAC input
Protection
Internal primary current fuse
Inrush limiting
Short Circuit Protection
Electrical
Topology
Switching - DC battery charger
Dielectric Withstand
3,000 VAC, 4242 VDC primary- secondary
EMI
Complies with EMC Directives
CE
CE Compliant
MTBF
100,000 calculated hours
Protection
Output current limiting,
Short circuit protection
Safety Approvals
Agency Listings
CULus 60950; TUV EN60950
Environmental
Operating Temperature
0º – 50º C with no derating
Storage Temperature
-30º to +85º C
Relative Humidity
5% to 95% non-condensing
0-10,000 feet
Altitude
0-10,000 feet
Cooling
Convectional - non vented case
Mechanical
Case and Dimensions
LP6 - Desktop
4.22L x 2.60W x 1.51H (in)
107.2L x 66.04W x 38.35H (mm)
Case Material
Black 94V0 polycarbonate
Weight
8 ounces, 210 grams (excluding cord)
Cords and Connectors
6 ft., 2 conductor, 18 AWG, Ault #3
connector. Other connectors are also
available.


Similar Part No. - BCM-2-510-120-00-03K

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BCM-2005 BOTHHAND-BCM-2005 Datasheet
145Kb / 1P
   COMMON MODE CHOKE FOR USE IN ADSL POTS LOW PASS FILTE
BCM-2013 BOTHHAND-BCM-2013 Datasheet
148Kb / 1P
   INDUCTORS AND COMMON MODE CHOKE
BCM-2810 BOTHHAND-BCM-2810 Datasheet
81Kb / 1P
   ISDN 2-FOLD COMMON MODE CHOKE TRANSFORMER
More results

Similar Description - BCM-2-510-120-00-03K

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
KNIGHT_TW_2K FSP-KNIGHT_TW_2K Datasheet
68Kb / 1P
   Microprocessor control optimizes reliability
logo
STMicroelectronics
AN1012 STMICROELECTRONICS-AN1012 Datasheet
445Kb / 33P
   Predicting the battery life and data
logo
Maxim Integrated Produc...
MAXWSNENV MAXIM-MAXWSNENV Datasheet
365Kb / 3P
   Low-Power Operation Extends Battery Life
Rev 0; 5/15
logo
FSP TECHNOLOGY INC.
KNIGHT_TW_3K FSP-KNIGHT_TW_3K Datasheet
68Kb / 1P
   Microprocessor control optimizes reliability
CHAMP_TW_1K FSP-CHAMP_TW_1K Datasheet
152Kb / 1P
   Microprocessor control optimizes reliability
logo
Maxim Integrated Produc...
MAX11253 MAXIM-MAX11253 Datasheet
1Mb / 51P
   Longer Battery Life for Portable Applications
Rev 0; 6/15
MAX11254 MAXIM-MAX11254 Datasheet
1Mb / 51P
   Longer Battery Life for Portable Applications
Rev 1; 4/15
logo
NimbeLink Corp.
NL-AT5 NIMBELINK-NL-AT5 Datasheet
330Kb / 2P
   Solid Reliability and Unmatched Battery Life
logo
FSP TECHNOLOGY INC.
KNIGHT_TW_1.5K FSP-KNIGHT_TW_1.5K Datasheet
68Kb / 1P
   Microprocessor control optimizes reliability
KNIGHT_TW_2KL FSP-KNIGHT_TW_2KL Datasheet
68Kb / 1P
   Microprocessor control optimizes reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com