Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM-6-306-100-00-21X Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BCM-6-306-100-00-21X
Description  Charges Nickel Metal Hydride Batteries
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BCM-6-306-100-00-21X Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BCM-6-306-100-00-21X Datasheet HTML 1Page - List of Unclassifed Manufacturers BCM-6-306-100-00-21X Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AULT INCORPORATED
7105 Northland Terrace | Minneapolis, Minnesota 55428 | USATEL (1) 763-592-1900
FAX (1) 763-592-1911 | E-MAIL info@aultinc.com | WEB www.aultinc.com
© Copyright 2002 Ault Inc.
Configuration: In Case IEC320 with ground
Please specify the Safety Timer Code in your order.
Connector
Input Configuration
BCM NiMH
WIDE RANGE BA TTER Y CHARGERS
IEC320
w/ground
C14
(F)
5 = 1.5 hours
6 = 3.0 hours
7 = 6.0 hours
8 = 9.0 hours
Safety Timer Codes (*from pg. 1)
Pinout Code
Battery (+): 1, Thermister: 2, Battery (-): 3
Description
3-pin overmolded Molex connector
Housing 26-03-4041
Terminals 08-50-0187
Suggested Mating
0.045 square pin on 0.156 centers.
(Ref: Molex Seroes 2220, 5273, 5274)
Other Connectors are available by special order
Input
Voltage
100 - 250 VAC -10%, +6%
Line Frequency
47 - 63 Hz
Current
0.5 max at 120 VAC input
Protection
Internal primary current fuse
Inrush limiting
Short Circuit Protection
Electrical
Topology
Switching - DC battery charger
Dielectric Withstand
3000 VAC, 4242 VDC primary - secondary
EMI
Complies with EMC Directives
CE
CE Compliant
MTBF
100,000 calculated hours
Protection
Output current limiting,
Short circuit protection
Safety Approvals
Agency Listings
cULus 60950; TUV EN60950
Environmental
Operating Temperature
0º – 50º C with no derating
Storage Temperature
-30º to +85º C
Relative Humidity
5% to 95% non-condensing
0-10,000 feet
Altitude
0-10,000 feet
Cooling
Convectional - non vented case
Mechanical
Case and Dimensions
4.22L x 2.60W x 1.51H (in)
107.2L x 66.04W x 38.35H (mm)
Case Material
94V0 polycarbonate; black is standard
color; other colors available - extra
charges may apply
Weight
8 ounces, 210 grams (excluding cord)
Cords and Connectors
6 ft., 3 conductor, 18 AWG, Ault #21
connector (thermistor is in pack). Other
connectors are also available.


Similar Part No. - BCM-6-306-100-00-21X

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BCM-039 BOTHHAND-BCM-039 Datasheet
153Kb / 1P
   COMMON MODE CHOKE
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
   Accessories
logo
List of Unclassifed Man...
BCM-1-306-060-00-03K ETC2-BCM-1-306-060-00-03K Datasheet
101Kb / 2P
   Optimizes Battery Life
BCM-1-306-080-00-03K ETC2-BCM-1-306-080-00-03K Datasheet
101Kb / 2P
   Optimizes Battery Life
BCM-1-306-100-00-03K ETC2-BCM-1-306-100-00-03K Datasheet
101Kb / 2P
   Optimizes Battery Life
More results

Similar Description - BCM-6-306-100-00-21X

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
HHR120AA PANASONICBATTERY-HHR120AA Datasheet
24Kb / 1P
   NICKEL METAL HYDRIDE BATTERIES
HHR210AH PANASONICBATTERY-HHR210AH Datasheet
25Kb / 1P
   NICKEL METAL HYDRIDE BATTERIES:
HHR300SCP PANASONICBATTERY-HHR300SCP Datasheet
25Kb / 1P
   NICKEL METAL HYDRIDE BATTERIES:
HHR380A PANASONICBATTERY-HHR380A Datasheet
25Kb / 1P
   NICKEL METAL HYDRIDE BATTERIES:
HHR60AAAH PANASONICBATTERY-HHR60AAAH Datasheet
28Kb / 1P
   NICKEL METAL HYDRIDE BATTERIES
HHR200SCP PANASONICBATTERY-HHR200SCP Datasheet
25Kb / 1P
   NICKEL METAL HYDRIDE BATTERIES
HHR210A PANASONICBATTERY-HHR210A Datasheet
24Kb / 1P
   NICKEL METAL HYDRIDE BATTERIES
HHR300CH PANASONICBATTERY-HHR300CH Datasheet
27Kb / 1P
   NICKEL METAL HYDRIDE BATTERIES:
HHR260SCP PANASONICBATTERY-HHR260SCP Datasheet
24Kb / 1P
   NICKEL METAL HYDRIDE BATTERIES:
logo
Panasonic Semiconductor
HHR370AH PANASONIC-HHR370AH Datasheet
25Kb / 1P
   NICKEL METAL HYDRIDE BATTERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com