Electronic Components Datasheet Search |
|
CINT1175 Datasheet(PDF) 5 Page - SL Power Electronics |
|
CINT1175 Datasheet(HTML) 5 Page - SL Power Electronics |
5 / 8 page CINT1175 175W Single Output Industrial Series www.slpower.com CINT1175 REV 5.4, 6 April-15 5 Isolation Specifications Parameter Conditions/Description Min Nom Max Units Insulation Safety Rating Input/Ground Input/Output Output/Ground Basic Reinforced n/a Electric Strength Test Voltage Input/Ground Input/Output Output/Ground 1800 4000 1500 - - Vac Vac Vac Input Specifications All specifications apply over specified input voltage, output load, and temperature range, unless otherwise noted. Parameter Conditions/Description Min Nom Max Units Input Voltage 90 115/230 264 Vac Turn-On Input Voltage Ramping up 82.7 Vac Turn-Off Input Voltage Ramping down 67.0 Vac Input Frequency 47 50/60 63 Hz Inrush Current Limitation 264Vac, cold start - - 50 A Power Factor Vi nom, Io nom 0.9 - - Efficiency Vi nom, Io nom CINT1175A1206K01 CINT1175A1506K01 CINT1175A2406K01 CINT1175A4806K01 CINT1175A5606K01 - 90% - % Output Specifications Parameter Conditions/Description Min Nom Max Units Output Voltage Setpoint Accuracy CINT1175A1206K01 Vi nom,, Io1 @ ADC, TC = 25 °C -3 - 3 % Vo nom Output Voltage Setpoint Accuracy CINT1175A1506K01 Vi nom,, Io1 @ ADC, TC = 25 °C -3 - 3 % Vo nom Output Voltage Setpoint Accuracy CINT1175A2406K01 Vi nom,, Io1 @ ADC, TC = 25 °C -3 - 3 % Vo nom Output Voltage Setpoint Accuracy CINT1175A4806K01 Vi nom,, Io1 @ ADC, TC = 25 °C -3 - 3 % Vo nom Output Voltage Setpoint Accuracy CINT1175A5606K01 Vi nom,, Io1 @ ADC, TC = 25 °C -3 - 3 % Vo nom Output Current V1 Output Current V2 CINT1175A1206K01 0 0 10.0 - 14.6 0.4 ADC ADC Output Current V1 Output Current V2 CINT1175A1506K01 0 0 8.0 - 11.7 0.4 ADC ADC Output Current V1 Output Current V2 CINT1175A2406K01 0 0 5.0 - 7.3 0.4 ADC ADC Output Current V1 Output Current V2 CINT1175A4806K01 0 0 2.5 - 3.6 0.4 ADC ADC Output Current V1 Output Current V2 CINT1175A5606K01 0 0 2.1 - 3.1 0.4 ADC ADC Static Line Regulation V1 Vi min-Vi max, Vi nom, 0-100% Io nom -1 - 1 % Vo nom Static Load Regulation V1 (Droop Characteristic) Vi min-Vi max, Vi nom, 0-100% Io nom -3 - 3 % Vo nom |
Similar Part No. - CINT1175_15 |
|
Similar Description - CINT1175_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |