Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CINT1175A5606K01 Datasheet(PDF) 4 Page - SL Power Electronics

Part # CINT1175A5606K01
Description  175W Single Output Industrial Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT1175A5606K01 Datasheet(HTML) 4 Page - SL Power Electronics

  CINT1175A5606K01 Datasheet HTML 1Page - SL Power Electronics CINT1175A5606K01 Datasheet HTML 2Page - SL Power Electronics CINT1175A5606K01 Datasheet HTML 3Page - SL Power Electronics CINT1175A5606K01 Datasheet HTML 4Page - SL Power Electronics CINT1175A5606K01 Datasheet HTML 5Page - SL Power Electronics CINT1175A5606K01 Datasheet HTML 6Page - SL Power Electronics CINT1175A5606K01 Datasheet HTML 7Page - SL Power Electronics CINT1175A5606K01 Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CINT1175
175W Single Output
Industrial Series
www.slpower.com
CINT1175 REV 5.4, 6 April-15
4
Connector Information
Input Connector
J100
Ground
J101
DC Output Connector
J300
Fan Output Connector
J500
Signal Connector
J600
PIN 1) AC LINE
PIN 2) EMPTY
PIN 3) AC NEUTRAL
.187 x .032 FASTON TAB
PIN 1) +Vout PIN 4) -Vout
PIN 2) +Vout PIN 5) -Vout
PIN 3) +Vout PIN 6) -Vout
PIN 1) +12Vfan
PIN 2) RTN
PIN 1) Inhibit
PIN 2) PF/DC OK
PIN 3, 4) Common
Mating Connector:
Molex 09-50-3031
Pins= 08-52-0072
Mating Connector:
Molex 01-90020009
Mating Connector:
AMP 640250-6
Pins = 640252-1
Mating Connector:
Molex 1375820-2
Pins = 1375819
Mating Connector:
Molex 1375820-4
Pins = 1375819
Fan Output – J500
J500 provides a 12V@0.4mA output to support a system cooling fan. The fan output is always available when AC input is
present, so it also can be used for a 12V standby output is so desired.
AC Power Failure/DC OK and Inhibit Signals – J600
Timing Sequence


Similar Part No. - CINT1175A5606K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT1175A5606K01 SLPOWER-CINT1175A5606K01 Datasheet
649Kb / 8P
   A highly dense 175Watts AC to DC power supply designed for industrial and ITE applications.
CINT1175A5606K01 SLPOWER-CINT1175A5606K01 Datasheet
1Mb / 8P
   175W Single Output Industrial Series
More results

Similar Description - CINT1175A5606K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT1175A SLPOWER-CINT1175A Datasheet
1Mb / 8P
   175W Single Output Industrial Series
MINT1175 SLPOWER-MINT1175 Datasheet
1Mb / 8P
   175W Single Output Medical Series
CINT1200 SLPOWER-CINT1200 Datasheet
495Kb / 3P
   200W Single Output Industrial Series
logo
XP Power Limited
LCL XPPOWER-LCL Datasheet
1Mb / 12P
   SIngle Output Industrial Supplies
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
   Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
   Single Output Industrial Power Supplies
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
   Single Output Industrial Power Supplies
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com