Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM-3-812-100-00-03K Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BCM-3-812-100-00-03K
Description  Optimizes Battery Life
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BCM-3-812-100-00-03K Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BCM-3-812-100-00-03K Datasheet HTML 1Page - List of Unclassifed Manufacturers BCM-3-812-100-00-03K Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AULT INCORPORATED
7105 Northland Terrace | Minneapolis, Minnesota 55428 | USATEL (1) 763-592-1900
FAX (1) 763-592-1911 | E-MAIL info@aultinc.com | WEB www.aultinc.com
© Copyright 2002 Ault Inc.
BCM NiCd WIDE RANGE
BATTERY CHARGERS
100-250 VAC
In Case IEC 320 with Ground
LED Indicators
Charges NiCd Batteries
Optimizes Battery Life
Meets Safety Agency Requirements
Complies with EMI-RFI Regulations
Impact Resistant Polycarbonate Enclosure
Private Label Marking Available
3 Year Warranty
Modified and Custom Designs Also Available
BCM NiCd
WIDE RANGE BATTER Y CHARGERS
BCM-*-306-150-00-03K
3 – 06
3 – 9
1.5
BCM-*-306-120-00-03K
3 – 06
3 – 9
1.2
BCM-*-306-100-00-03K
3 – 06
3 – 9
1.0
BCM-*-306-080-00-03K
3 – 06
3 – 9
0.8
BCM-*-306-060-00-03K
5 – 10
3 – 9
0.6
BCM-*-510-120-00-03K
5 – 10
5 – 15
1.2
BCM-*-510-100-00-03K
5 – 10
5 – 15
1.0
BCM-*-510-080-00-03K
5 – 10
5 – 15
0.8
BCM-*-510-060-00-03K
5 – 10
5 – 15
0.6
BCM-*-812-100-00-03K
8 – 12
8 – 18
1.0
BCM-*-812-080-00-03K
8 – 12
8 – 18
0.8
BCM-*-812-060-00-03K
8 – 12
8 – 18
0.6
Number
Volts
Fast Charge
Ault Part No.
of Cells
DC
Current Amps
Ault Part No. Key
Ault Part No. Key
BCM NiCd
BCM
*
306
150
00
03
K
Product
Denotes
Number
Fast Charge
Denotes standard
Connector
Manufacturing
Family
Safety Timer
of Cells
Current/Amps
or custom
Location
Name
(see pg. 2)
requirements


Similar Part No. - BCM-3-812-100-00-03K

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
BCM-306-060 SLPOWER-BCM-306-060 Datasheet
101Kb / 2P
   BCM NiCd WIDE RANGE BATTERY CHARGERS
BCM-306-080 SLPOWER-BCM-306-080 Datasheet
101Kb / 2P
   BCM NiCd WIDE RANGE BATTERY CHARGERS
BCM-306-100 SLPOWER-BCM-306-100 Datasheet
101Kb / 2P
   BCM NiCd WIDE RANGE BATTERY CHARGERS
BCM-306-120 SLPOWER-BCM-306-120 Datasheet
101Kb / 2P
   BCM NiCd WIDE RANGE BATTERY CHARGERS
BCM-306-150 SLPOWER-BCM-306-150 Datasheet
101Kb / 2P
   BCM NiCd WIDE RANGE BATTERY CHARGERS
More results

Similar Description - BCM-3-812-100-00-03K

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
KNIGHT_TW_2K FSP-KNIGHT_TW_2K Datasheet
68Kb / 1P
   Microprocessor control optimizes reliability
logo
STMicroelectronics
AN1012 STMICROELECTRONICS-AN1012 Datasheet
445Kb / 33P
   Predicting the battery life and data
logo
Maxim Integrated Produc...
MAXWSNENV MAXIM-MAXWSNENV Datasheet
365Kb / 3P
   Low-Power Operation Extends Battery Life
Rev 0; 5/15
logo
FSP TECHNOLOGY INC.
KNIGHT_TW_3K FSP-KNIGHT_TW_3K Datasheet
68Kb / 1P
   Microprocessor control optimizes reliability
CHAMP_TW_1K FSP-CHAMP_TW_1K Datasheet
152Kb / 1P
   Microprocessor control optimizes reliability
logo
Maxim Integrated Produc...
MAX11253 MAXIM-MAX11253 Datasheet
1Mb / 51P
   Longer Battery Life for Portable Applications
Rev 0; 6/15
MAX11254 MAXIM-MAX11254 Datasheet
1Mb / 51P
   Longer Battery Life for Portable Applications
Rev 1; 4/15
logo
NimbeLink Corp.
NL-AT5 NIMBELINK-NL-AT5 Datasheet
330Kb / 2P
   Solid Reliability and Unmatched Battery Life
logo
FSP TECHNOLOGY INC.
KNIGHT_TW_1.5K FSP-KNIGHT_TW_1.5K Datasheet
68Kb / 1P
   Microprocessor control optimizes reliability
KNIGHT_TW_2KL FSP-KNIGHT_TW_2KL Datasheet
68Kb / 1P
   Microprocessor control optimizes reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com