Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEC2410 Datasheet(PDF) 4 Page - Microchip Technology

Part # SEC2410
Description  HS Endpoint Processor with USB 2.0, Smart Card, and FMC for Secure Token and Storage
Download  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC2410 Datasheet(HTML) 4 Page - Microchip Technology

  SEC2410 Datasheet HTML 1Page - Microchip Technology SEC2410 Datasheet HTML 2Page - Microchip Technology SEC2410 Datasheet HTML 3Page - Microchip Technology SEC2410 Datasheet HTML 4Page - Microchip Technology SEC2410 Datasheet HTML 5Page - Microchip Technology SEC2410 Datasheet HTML 6Page - Microchip Technology SEC2410 Datasheet HTML 7Page - Microchip Technology SEC2410 Datasheet HTML 8Page - Microchip Technology SEC2410 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 283 page
background image
SEC2410/SEC4410
DS00001587C-page 4
 2013 - 2014 Microchip Technology Inc.
1.0
INTRODUCTION
SEC2410/SEC4410 is a flash media card reader solution intended to provide a flexible means of providing embedded
Audio/video systems (TVs, DVD players, STBs, Portable Media Copiers or Players, etc.) access to Media files stored
on Flash Media Cards such as Secure Digital/MultiMediaCard (SD/MMC), and NAND Flash.
SEC2410/SEC4410 is fully compliant with the USB 2.0 Specification. All required transceivers and resistors of the USB
ports are integrated into the device. This includes all series termination resistors on D+ and D- pins and all required pull-
down and pull-up resistors. The over-current sense inputs for the downstream facing ports have internal pull-up resis-
tors. One Control, One interrupt Pair, and Two Bulk Pair Endpoints are provided with reconfigurable Endpoint Buffers.
SEC2410/SEC4410 incorporates a powerful ARM M3 32-bit microprocessor with 60 MHz execution speed at 1 cycles
per instruction (minimum).
Following memories are embedded:
• 32 KBytes of internal SRAM for general purpose scratchpad
• 96 KByte SRAM available for code execution
• 32 KByte Internal Code ROM
• 10 KBytes of reconfigurable Endpoint Buffers
• 2 KByte OTP
It also supports optional 4 MByte External Code Space using SPI Flash memory.
SEC2410/SEC4410 has on-chip SD/MMC Controller. It supports:
• High-Speed MMC version 4.2: 1/4/8 bit MMC
• eMMC version 4.4
• High-Speed SD card, SDHC
• SDXC in SDR25 Mode (no support for SD card UHS25, SDR50, or SDR100).
• TransFlash™ and reduced form factor media.
• Hardware support for Secure Digital(SD) Pass-Through
• Hardware support for SD Security Command Extensions
• Hardware support for SDIO (SD Input/Output)
It has on-chip power FET's for supplying flash media card power with minimum board components.
SEC2410/SEC4410 supports SmartCard interface, ISO/IEC 7816 compliant and has Integrated 3/1.8 Volt regulator.
Integrated cryptographical module offers AES encryption with AES 128, AES 192, AES 256 key sizes and ECB, CBC
or CTR implementation.
SEC2410/SEC4410 offers up to 32 GPIOs with diverse configuration and polarity options for special function such as
LED indicators, button inputs, and power control to memory devices. The number of actual GPIOs depends on the
implemented configuration. One GPIO available with up to 200 mA drive and “fold-back” short circuit protection
SEC2410/SEC4410 has a 24 MHz Crystal Driver Circuit and internal PLL for 480 MHz USB 2.0 Sampling on board.
It supports a single external 3.3 V supply source. Internal regulators provide 1.2 V internal core voltage for additional
bill of materials and power savings.
SEC2410/SEC4410 is offered as a single chip flash media controller in 64-pin and 72-pin QFN, RoHS compliant pack-
ages in either SEC2410/SEC4410 commercial temperature range from 0°C to +70°C or industrial alfrom -40°C to
+85°C.
It supports USB Mass Storage Compliant Bootable BIOS, firmware upgrade via USB bus for SPI Flash and SD/MMC
cards (“boot block flash” not required).
Compatible with Microsoft Vista; Windows 7, XP, and 2K SP3&4; Mac OS X 10; and Linux Multi-LUN Mass Storage
Class Drivers.


Similar Part No. - SEC2410

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SEC24001 CELDUC-SEC24001 Datasheet
99Kb / 4P
   Support Interfaces E/S DIN rail adaptor for I/O modules
SEC24001 CELDUC-SEC24001 Datasheet
426Kb / 2P
   DC SOLID STATE INPUT MODULE
SEC24003 CELDUC-SEC24003 Datasheet
99Kb / 4P
   Support Interfaces E/S DIN rail adaptor for I/O modules
SEC24003 CELDUC-SEC24003 Datasheet
426Kb / 2P
   DC SOLID STATE INPUT MODULE
logo
Sanken electric
SEC2422C SANKEN-SEC2422C Datasheet
27Kb / 1P
   3x2.5 Bicolor Surface Mount LED (Flat Lens)
More results

Similar Description - SEC2410

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ1010 MAXIM-MAXQ1010 Datasheet
483Kb / 2P
   Security Token Microcontroller with RTC and USB
Rev 0; 4/10
logo
Tripp Lite. All Rights ...
CS16USB TRIPPLITE-CS16USB Datasheet
522Kb / 3P
   16-Device USB Charging Station with Syncing, Secure Storage and Cord Management for iPad and Android Tablets, Black
logo
Microchip Technology
ATECC508A MICROCHIP-ATECC508A Datasheet
924Kb / 109P
   Cryptographic Co-processor with Secure Hardware-Based Key Storage
2017
logo
ATMEL Corporation
AT83C5127 ATMEL-AT83C5127 Datasheet
236Kb / 9P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
AT83C5122 ATMEL-AT83C5122 Datasheet
2Mb / 213P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
logo
Level One
MUS-2500 LVL1-MUS-2500 Datasheet
123Kb / 2P
   The LevelOne MUS-2500 Smart Mobile USB Storage is an intelligent Plug-and-Play high speed USB 2.0 compatible
logo
List of Unclassifed Man...
HD-PCTU3 ETC2-HD-PCTU3 Datasheet
396Kb / 2P
   Portable USB 3.0 Storage for PC and Mac
logo
NXP Semiconductors
P5CX012 NXP-P5CX012 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD016 NXP-P5CD016 Datasheet
159Kb / 20P
   Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
logo
ATMEL Corporation
AT83C5122 ATMEL-AT83C5122_08 Datasheet
2Mb / 208P
   C51 Microcontroller with USB and Smart Card Reader Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com