Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MINT1500B4814E01 Datasheet(PDF) 6 Page - SL Power Electronics

Part # MINT1500B4814E01
Description  500W Single Output LED Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1500B4814E01 Datasheet(HTML) 6 Page - SL Power Electronics

  MINT1500B4814E01 Datasheet HTML 1Page - SL Power Electronics MINT1500B4814E01 Datasheet HTML 2Page - SL Power Electronics MINT1500B4814E01 Datasheet HTML 3Page - SL Power Electronics MINT1500B4814E01 Datasheet HTML 4Page - SL Power Electronics MINT1500B4814E01 Datasheet HTML 5Page - SL Power Electronics MINT1500B4814E01 Datasheet HTML 6Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MINT1500B
500W Single Output
Medical Series
www.slpower.com
MINT1500B REV 11.0, 4-22-15
6
3.
Enable: Input signal – J2 Pin 9
Logic High or Open = ON
Low/ground
= OFF
Logic High >3.4V
Logic Low <1.2V
Internal pull up resistor: 43KΩ to 5V
4.
PS_Off: Input signal – J2 Pin 8
Logic Low or Open = ON
Logic High
= OFF
Logic High >3.4V
Logic Low <1.2V
Internal pull down resistor: 43KΩ to V-.
5.
Remote Sense Output Signal – J2 Pin 1 (+Sense), J2 Pin 2 (-Sense)
Less than 250mV voltage drop compensation due to cable loss on each side of main output. See Figure 3 for wiring connection.
6.
Stand-By Output – J2 Pin5 (+), J2 Pin 4 (–)
The standby output is always available when AC input is present. It is rated for 5V/0.2A.
Data Sheet © 2015 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication. However, SL Power accepts no responsibility for
consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.


Similar Part No. - MINT1500B4814E01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1500 SLPOWER-MINT1500 Datasheet
466Kb / 7P
   500W Single Output
MINT1500A2414E01 SLPOWER-MINT1500A2414E01 Datasheet
466Kb / 7P
   500W Single Output
MINT1500A4814E01 SLPOWER-MINT1500A4814E01 Datasheet
466Kb / 7P
   500W Single Output
MINT1500A5614E01 SLPOWER-MINT1500A5614E01 Datasheet
466Kb / 7P
   500W Single Output
More results

Similar Description - MINT1500B4814E01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
LU500 SLPOWER-LU500 Datasheet
257Kb / 3P
   500W Single Output LED Series
MINT1500 SLPOWER-MINT1500 Datasheet
466Kb / 7P
   500W Single Output
logo
Total Power Internation...
SP-500 TOTAL-POWER-SP-500 Datasheet
382Kb / 2P
   500W Single Output with PFC Function
logo
Mean Well Enterprises C...
SD-500 MEANWELL-SD-500 Datasheet
148Kb / 4P
   500W Single Output DC-DC Converter
logo
TDK Electronics
GWS TDK-GWS Datasheet
320Kb / 2P
   Single Output 250 & 500W Power Supplies
logo
Mean Well Enterprises C...
SD-500_1109 MEANWELL-SD-500_1109 Datasheet
245Kb / 4P
   500W Single Output DC-DC Converter
SP-500 MEANWELL-SP-500 Datasheet
334Kb / 2P
   500W Single Output with PFC Function
PSP-500 MEANWELL-PSP-500 Datasheet
372Kb / 2P
   500W Single Output with PFC Function
USP-500 MEANWELL-USP-500 Datasheet
324Kb / 4P
   500W Single Output with PFC Function
USP-500 MEANWELL-USP-500_10 Datasheet
326Kb / 4P
   500W Single Output with PFC Function
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com