Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB4604i-1070HN-TR Datasheet(PDF) 8 Page - Microchip Technology

Part # USB4604i-1070HN-TR
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4604i-1070HN-TR Datasheet(HTML) 8 Page - Microchip Technology

Back Button USB4604i-1070HN-TR Datasheet HTML 4Page - Microchip Technology USB4604i-1070HN-TR Datasheet HTML 5Page - Microchip Technology USB4604i-1070HN-TR Datasheet HTML 6Page - Microchip Technology USB4604i-1070HN-TR Datasheet HTML 7Page - Microchip Technology USB4604i-1070HN-TR Datasheet HTML 8Page - Microchip Technology USB4604i-1070HN-TR Datasheet HTML 9Page - Microchip Technology USB4604i-1070HN-TR Datasheet HTML 10Page - Microchip Technology USB4604i-1070HN-TR Datasheet HTML 11Page - Microchip Technology USB4604i-1070HN-TR Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
DS00001716A-page 8
 2014 Microchip Technology Inc.
The USB4604 is available in commercial (0°C to +70°C) and industrial (-40°C to +85°C) temperature
range versions.
As shown in the ordering code matrix, two USB4604 firmware revisions are available: “-1080” and “-
1070”. The -1080 version enables the internal Hub Controller, while the -1070 version disables it. There
are no additional differences between these two versions.
The Hub Controller adds advanced functionality to the USB4604 by enabling the host to send
commands directly to it via the upstream USB connection. Commands to the Hub Controller must be
sent to the virtual 5th port in the hub. The following functions can be controlled via commands through
the Hub Controller:
USB to SMBus Bridging: The host can send commands through USB to any device connected to
the hub through the SMBus.
USB to UART Bridging: The host can send commands through SUB to any device connected to
the hub through the UART.
GPIO Control: The GPIOs on the hub can be dynamically configured and controlled by the host.
OTP Programming: Permanent customer configurations can be loaded to the One Time
Programmable memory.


Similar Part No. - USB4604i-1070HN-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB4604I-1080HN SMSC-USB4604I-1080HN Datasheet
1Mb / 71P
   USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
USB4604I-1080HN-TR SMSC-USB4604I-1080HN-TR Datasheet
1Mb / 71P
   USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
More results

Similar Description - USB4604i-1070HN-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB84604 MICROCHIP-USB84604 Datasheet
730Kb / 61P
   USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
06/23/16
USB4624 MICROCHIP-USB4624 Datasheet
616Kb / 58P
   USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
03/25/14
logo
SMSC Corporation
USB4604 SMSC-USB4604 Datasheet
1Mb / 71P
   USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
USB4624 SMSC-USB4624 Datasheet
1,014Kb / 68P
   USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
logo
Microchip Technology
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
   USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
logo
SMSC Corporation
USB2534 SMSC-USB2534 Datasheet
889Kb / 62P
   USB 2.0 Hi-Speed 4-Port Hub Controller
logo
Tripp Lite. All Rights ...
U225004R TRIPPLITE-U225004R Datasheet
512Kb / 2P
   4-Port USB 2.0 Hi-Speed Hub
logo
Microchip Technology
USB3503 MICROCHIP-USB3503 Datasheet
1Mb / 73P
   USB 2.0 HSIC High-Speed Hub Controller Optimized
01/27/15
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
   USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
logo
SMSC Corporation
USB2533 SMSC-USB2533 Datasheet
891Kb / 61P
   USB 2.0 Hi-Speed 3-Port Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com