Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB4624i-1080HN Datasheet(PDF) 11 Page - Microchip Technology

Part # USB4624i-1080HN
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4624i-1080HN Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB4624i-1080HN Datasheet HTML 7Page - Microchip Technology USB4624i-1080HN Datasheet HTML 8Page - Microchip Technology USB4624i-1080HN Datasheet HTML 9Page - Microchip Technology USB4624i-1080HN Datasheet HTML 10Page - Microchip Technology USB4624i-1080HN Datasheet HTML 11Page - Microchip Technology USB4624i-1080HN Datasheet HTML 12Page - Microchip Technology USB4624i-1080HN Datasheet HTML 13Page - Microchip Technology USB4624i-1080HN Datasheet HTML 14Page - Microchip Technology USB4624i-1080HN Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001717A-page 11
Chapter 3 Pin Descriptions
Figure 3.1 48-SQFN Pin Assignments
Ground Pad
(must be connected to VSS)
38
39
37
40
VDD12
41
FLEX_HSIC_UP_STROBE
43
XTAL2
44
XTAL1/REFCLK
RBIAS
VDDA33
VDDCOREREG
FLEX_HSIC_UP_DATA
42
21
20
19
18
17
16
15
14
13
23
22
24
Indicates pins on the bottom of the device.
FLEX_USBUP_DM/PRT_DIS_M0
FLEX_USBUP_DP/PRT_DIS_P0
NC
PRTPWR3/PRTCTL3/PIO43
NC
HSIC_EN2
NC
HSIC_EN1
SPI_DI
NC
SOF
VDDCR12
VDD33
SUSPEND
45
47
48
46
VDDA33
NC
USB4624
(Top View)


Similar Part No. - USB4624i-1080HN

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB4624I-1080HN SMSC-USB4624I-1080HN Datasheet
1,014Kb / 68P
   USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
USB4624I-1080HN-TR SMSC-USB4624I-1080HN-TR Datasheet
1,014Kb / 68P
   USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
More results

Similar Description - USB4624i-1080HN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB84604 MICROCHIP-USB84604 Datasheet
730Kb / 61P
   USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
06/23/16
USB4604 MICROCHIP-USB4604 Datasheet
640Kb / 62P
   USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
03/25/14
logo
SMSC Corporation
USB4604 SMSC-USB4604 Datasheet
1Mb / 71P
   USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
USB4624 SMSC-USB4624 Datasheet
1,014Kb / 68P
   USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
logo
Microchip Technology
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
   USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
logo
SMSC Corporation
USB2534 SMSC-USB2534 Datasheet
889Kb / 62P
   USB 2.0 Hi-Speed 4-Port Hub Controller
logo
Tripp Lite. All Rights ...
U225004R TRIPPLITE-U225004R Datasheet
512Kb / 2P
   4-Port USB 2.0 Hi-Speed Hub
logo
Microchip Technology
USB3503 MICROCHIP-USB3503 Datasheet
1Mb / 73P
   USB 2.0 HSIC High-Speed Hub Controller Optimized
01/27/15
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
   USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
logo
SMSC Corporation
USB2533 SMSC-USB2533 Datasheet
891Kb / 61P
   USB 2.0 Hi-Speed 3-Port Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com