Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSO052N03S Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSO052N03S
Description  OptiMOS2 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO052N03S Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSO052N03S Datasheet HTML 1Page - Infineon Technologies AG BSO052N03S Datasheet HTML 2Page - Infineon Technologies AG BSO052N03S Datasheet HTML 3Page - Infineon Technologies AG BSO052N03S Datasheet HTML 4Page - Infineon Technologies AG BSO052N03S Datasheet HTML 5Page - Infineon Technologies AG BSO052N03S Datasheet HTML 6Page - Infineon Technologies AG BSO052N03S Datasheet HTML 7Page - Infineon Technologies AG BSO052N03S Datasheet HTML 8Page - Infineon Technologies AG BSO052N03S Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BSO052N03S
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
3.4 V
3.6 V
3.8 V
4 V
4.2 V
4.5 V
5 V
10 V
0
2
4
6
8
10
0
1020
3040
I D [A]
25 °C
125 °C
0
10
20
30
40
50
60
01
23
4
V GS [V]
0
20
40
60
80
100
010
20
30
I D [A]
2.6 V
2.8 V
3 V
3.1 V
3.2 V
3.3 V
4.5 V
10 V
0
10
20
30
40
50
60
01
23
V DS [V]
Rev. 1.11
page 5
2004-03-31


Similar Part No. - BSO052N03S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO052N03S INFINEON-BSO052N03S Datasheet
327Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2009-11-04
BSO052N03S INFINEON-BSO052N03S_09 Datasheet
327Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2009-11-04
More results

Similar Description - BSO052N03S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO200N03S INFINEON-BSO200N03S Datasheet
238Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO150N03 INFINEON-BSO150N03 Datasheet
224Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSC094N03S INFINEON-BSC094N03S Datasheet
340Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.01 2004-12-15
IPD05N03LB INFINEON-IPD05N03LB Datasheet
304Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-12-16
BSC032N03S INFINEON-BSC032N03S Datasheet
301Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-04-13
BSO094N03S INFINEON-BSO094N03S Datasheet
237Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO350N03 INFINEON-BSO350N03 Datasheet
225Kb / 9P
   OptiMOS2 Power-Transistor
2004-02-09
IPD10N03LA INFINEON-IPD10N03LA Datasheet
412Kb / 11P
   OptiMOS2 Power-Transistor
Rev. 1.3 2004-05-19
IPP05CN10LG INFINEON-IPP05CN10LG Datasheet
329Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.02 2008-10-31
IPP03N03LBG INFINEON-IPP03N03LBG_08 Datasheet
275Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 0.95 2008-05-06
IPP12CN10LG INFINEON-IPP12CN10LG Datasheet
778Kb / 10P
   OptiMOS2 Power-Transistor
2008-07-15 revision:1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com