Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3E-12.000-12-50100-X1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # C3E-12.000-12-50100-X1
Description  Microprocessor Crystal Unit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C3E-12.000-12-50100-X1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  C3E-12.000-12-50100-X1 Datasheet HTML 1Page - List of Unclassifed Manufacturers C3E-12.000-12-50100-X1 Datasheet HTML 2Page - List of Unclassifed Manufacturers C3E-12.000-12-50100-X1 Datasheet HTML 3Page - List of Unclassifed Manufacturers C3E-12.000-12-50100-X1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page:
Date:
P/N:
www.aker-usa.com
April 15, 2008
C3E X1 Series
4/4
How to build a Part Number:
Part Number Example:
C3E-32.768-18-50100-X1-R
C3E- 2.5 x 3.2 mm SMD Seam Seal Crystal Unit
32.768 MHz Nominal Frequency
18 pF Load Capacitance
50100: ±50 PPM Frequency Tolerance and ±100 PPM Frequency Stability
Fundamental Mode
X1: -40 to +125° C Temperature Range
R: Tape and Reel Packaging
Notes:
1- Product is shipped in Tape and Reel configuration. Each reel contains 3000 pieces.
2- Quantities less than 3000 are shipped bulk in ESD pouches.
3- Specification subject to change without notice.
Series
C
Parameter
Package
3E
3.2 x 2.5 mm
-
Frequency 12.000 to 52.000
MHz
-
Load Capacitance
7
7 pF
10
10 pF
12
12 pF
16
16 pF
18
18 pF
20
20 pF
32
32 pF
S
Series
-
Frequency Tolerance
50
±50 PPM
Frequency Stability
100
±100 PPM
-
Temperature Range
X
-40 to +125 ºC
-
Packaging
R
Tape and Reel


Similar Part No. - C3E-12.000-12-50100-X1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
C3EBJC000055 PANASONIC-C3EBJC000055 Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
C3EBJY000066 PANASONIC-C3EBJY000066 Datasheet
6Mb / 67P
   Service Manual
2014
logo
Motorola, Inc
C3ENPA1-DD MOTOROLA-C3ENPA1-DD Datasheet
842Kb / 114P
   C-3e NETWORK PROCESSOR SILICON REVISION A1
C3ENPA1-DS MOTOROLA-C3ENPA1-DS Datasheet
842Kb / 114P
   C-3e NETWORK PROCESSOR SILICON REVISION A1
logo
NXP Semiconductors
C3ENPA1-DS NXP-C3ENPA1-DS Datasheet
2Mb / 114P
   C-3e Network Processor Silicon Revision A1
Rev 03
More results

Similar Description - C3E-12.000-12-50100-X1

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
A-6.176-18.5 RALTRON-A-6.176-18.5 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-12.000-20 RALTRON-A-12.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-25.000-14 RALTRON-A-25.000-14 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-30.000-20 RALTRON-A-30.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-16.000-20 RALTRON-A-16.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-20.000-20 RALTRON-A-20.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-24.576-20 RALTRON-A-24.576-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-32.768-10-3OT RALTRON-A-32.768-10-3OT Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-33.000-20 RALTRON-A-33.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-33.000-14-FUND RALTRON-A-33.000-14-FUND Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-4.000-20 RALTRON-A-4.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com