Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q22FA1280008912 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # Q22FA1280008912
Description  MHz Range Crystal unit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Q22FA1280008912 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  Q22FA1280008912 Datasheet HTML 1Page - List of Unclassifed Manufacturers Q22FA1280008912 Datasheet HTML 2Page - List of Unclassifed Manufacturers Q22FA1280008912 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MHz Range Crystal unit
FA-128
Product name
FA-128
48.000000 MHz 8.0 +30.0-30.0
Product Number / Ordering code
Q22FA12800089xx
Please refer to the 5.Packing information about xx (last 2 digits)
Pb free / Complies with EU RoHS directive
Reference weight Typ. 7 mg
1.Absolute maximum ratings
Symbol
Min.
Typ.
Max.
Unit
Conditions / Remarks
T_stg
-40
-
+125
ºC
Storage as single product
2.Specifications(characteristics)
Symbol
Min.
Typ.
Max.
Unit
Conditions / Remarks
f_nom
48.000000
MHz
Fundamental
f_tol
-30
-
30
x 10-
6
@+25ºC
f_tem
-50
-
50
x 10
-6
-30ºC to 85ºC
T_use
-30
-
+85
ºC
DL
10
-
100
µW
Recommended:1 to 100µW
CL
8
pF
R1
-
-
60
C1
-
3.492
-
fF
L1
-
3.149
-
mH
C0
-
0.87
-
pF
f_age
-5
5
x10
-6 /yea @+25ºC, First year
3.External dimensions
(Unit: mm)
4.Footprint(Recommended)
(Unit: mm)
5.Packing information
[ 1 ]Product number last 2 digits code (xx) description
The recommended code is "18"
Q22FA12800089xx
Code
Code
01
Any Q'ty vinyl bag(Tape cut)
00
3000pcs / Reel
11
Any Q'ty / Reel
18
5000pcs / Reel
12
250pcs / Reel
14
1000pcs / Reel
Frequency Stability over
temperature
Parameter
Storage temperature
Parameter
Nominal frequency
Frequency tolerance
Shunt capacitance
Frequency aging
Condition
Condition
Operating temperature
Level of drive
Load capacitance
Motional resistance (ESR)
Motional capacitance
Motional inductance
#1
#4
#2
#3
Internal connection
(TOP VIEW)
2.0±0.1
#1
#4
#2
#3
0.65
0.6
C 0.2 Min.
#2 and #4 are connected to the cover.
(Please connect to ground)
2600M
E66RA
#1
#4
#2
#3
1.45
0.95
0.85
1.15
1 Page


Similar Part No. - Q22FA1280008912

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q22FA1280002612 ETC2-Q22FA1280002612 Datasheet
236Kb / 3P
   MHz Range Crystal unit
Q22FA128000261200 ETC2-Q22FA128000261200 Datasheet
236Kb / 3P
   MHz Range Crystal unit
Q22FA128000261201 ETC2-Q22FA128000261201 Datasheet
236Kb / 3P
   MHz Range Crystal unit
Q22FA128000261211 ETC2-Q22FA128000261211 Datasheet
236Kb / 3P
   MHz Range Crystal unit
Q22FA128000261212 ETC2-Q22FA128000261212 Datasheet
236Kb / 3P
   MHz Range Crystal unit
More results

Similar Description - Q22FA1280008912

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
FA-23A EPSONTOYOCOM-FA-23A Datasheet
409Kb / 2P
   MHz RANGE CRYSTAL UNIT
logo
List of Unclassifed Man...
Q22FA1280014012 ETC2-Q22FA1280014012 Datasheet
236Kb / 3P
   MHz Range Crystal unit
X1E000351002412 ETC2-X1E000351002412 Datasheet
235Kb / 3P
   MHz Range Crystal unit
X1E000351002712 ETC2-X1E000351002712 Datasheet
235Kb / 3P
   MHz Range Crystal unit
X1E000351002912 ETC2-X1E000351002912 Datasheet
235Kb / 3P
   MHz Range Crystal unit
X1E000351001712 ETC2-X1E000351001712 Datasheet
235Kb / 3P
   MHz Range Crystal unit
logo
Epson Company
FA-128 EPSON-FA-128 Datasheet
585Kb / 2P
   MHz RANGE CRYSTAL UNIT
FA2016AN EPSON-FA2016AN Datasheet
481Kb / 2P
   MHz RANGE CRYSTAL UNIT
logo
Epson ToYoCom
FA1210AN EPSONTOYOCOM-FA1210AN Datasheet
204Kb / 1P
   MHz Range Crystal Unit
logo
List of Unclassifed Man...
Q22FA1280034112 ETC2-Q22FA1280034112 Datasheet
236Kb / 3P
   MHz Range Crystal unit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com