Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18H32FT-32.000-S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 18H32FT-32.000-S
Description  H32 OSCILLATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

18H32FT-32.000-S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  18H32FT-32.000-S Datasheet HTML 1Page - List of Unclassifed Manufacturers 18H32FT-32.000-S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MERCURY ELECTRONICS EUROPE Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230010 Fax: +44 (0)1460 230011, info@mecxtal-europe.com, www.mecxtal-europe.com
H32 oscillators are a general-purpose clock oscillator in a 3.2 x 2.5 x
1.0mm, micro-miniature package. The part is ideal for space-
constrained applications. The oscillator is available with 1.0, 1.2, 1.8,
2.5, 3.3 or 5.0 Volts supply voltage.
·
Micro-miniature 3.2 x 2.5mm package
·
Frequency Range 0.5MHz to 50.0MHz
·
Supply current from 2.0mA
·
Supply voltage range: 1.0, 1.2, 1.8, 2.5, 3.3 or 5.0 Volts
·
Tristate function for power conservation
FEATURES
APPLICATIONS
DESCRIPTION
OUTLINES & DIMENSIONS
Ÿ CPU, Graphics, Multimedia, A/V clocks
Ÿ MPEG / DVD / HDTV clocks
Ÿ Laser engine pixel set / set-top clocks
Ÿ OC-3, OC-2. OC-48 and OC-192 clocks
Ÿ SONET / SDH / ATM clocks
Ÿ Fast Ethernet and Gigabit Ethernet clocks
Ÿ NTSC / PAL encoder/decoder clocks
Ÿ PLL / synthesizer clocks
Ÿ Fibre channel and ADSL clocks
Page 1 of 2
GENERAL SPECIFICATION
SUPPLY VOLTAGE/CURRENT CONSUMPTION/RISE ANDFALL TIME
Supply Voltage
+1.0VDC±5%
Code = '1'
+1.2VDC±5%
Code = '12'
+1.8VDC±5%
Code = '18'
+2.5VDC±5%
Code = '25'
+3.3VDC±5%
Code = '3'
+5.0VDC±10%
Code = '5'
Available Frequency Range
0.5~40MHz
0.5~50MHz
1.0~50MHz
0.5~50MHz
0.5~50MHz
0.5~50MHz
Logic HIGH '1' (90%Vdd min.)
0.9V min.
0.9V.min
1.62V min.
2.25V min.
2.97V min.
4.5V min.
Logic LOW '0' (90% Vdd max.)
0.1V max
0.1V max.
0.18V max.
0.25V max.
0.33V max.
0.5V max.
Current Consumption
[0.5~32MHz]
2.0mA max.
[0.5~32MHz]
2.5mA max.
[1.0~1.5MHz]
5mA max.
[0.5~1.5MHz]
5mA max.
[0.5~1.5MHz]
5mA max.
[0.5~1.5MHz]
5mA max.
[1.5~20MHz]
8mA max.
[1.5~20MHz]
8mA max.
[1.5~20MHz]
8mA max.
[1.5~20MHz]
10mA max.
[32.1~40MHz]
3.0mA max.
[32.1~50MHz]
3.5mA max.
[20~50MHz]
15mA max.
[20~50MHz]
15mA max.
[20~50MHz]
15mA max.
[20~50MHz]
15mA max.
Tristate Function (Pad 1.)
Not available
Not available
Available
Available
Available
Available
Rise Time/Fall Time
6ns max.
6ns max.
7ns max.
7ns max.
10ns max.
10ns max.
Measured between 10% ~ 90% of wave form (CL = 15pF)
Frequency Range:
1.0MHz to 50.0MHz
Operating Temperature Range
Commercial:
-10° to +70°C
Industrial:
-40° to +85°C
Frequency Stability*:
From ±25ppm over -40° to
+85°C.
Output Load:
15pF max., 30pF and 50pF
available for parts with 3.3V
or 5.0V supply
Duty Cycle:
50% ±10%standard, option of
50% ±5% (add 'S' to end of
part number for ±5%)
Start-up Time
0.5~32MHz:
5ms max.
32.0~50MHz:
10ms max.
Storage Temperature Range:
-50° to +100°C
Ageing:
±5ppm per year max.
Enable/Disable (Tristate):
Output is high impedance
when "0" is applied to pad/pin
1. Enable time is 10ms max.
RoHS Status:
RoHS Compliant
3.2 x 2.5mm SMD
H32 OSCILLATORS


Similar Part No. - 18H32FT-32.000-S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
18H100M VISHAY-18H100M Datasheet
76Kb / 3P
   Quartz Crystals
01-Jan-2022
18H12M288 VISHAY-18H12M288 Datasheet
76Kb / 3P
   Quartz Crystals
01-Jan-2022
18H40M VISHAY-18H40M Datasheet
76Kb / 3P
   Quartz Crystals
01-Jan-2022
18H4M VISHAY-18H4M Datasheet
76Kb / 3P
   Quartz Crystals
01-Jan-2022
logo
Semtech Corporation
18HC SEMTECH-18HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
More results

Similar Description - 18H32FT-32.000-S

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GDQF EUROQUARTZ-GDQF Datasheet
545Kb / 4P
   Oscillators
HDF576 EUROQUARTZ-HDF576 Datasheet
138Kb / 1P
   OSCILLATORS
HDQF EUROQUARTZ-HDQF Datasheet
492Kb / 4P
   Oscillators
HDW62 EUROQUARTZ-HDW62 Datasheet
119Kb / 1P
   OSCILLATORS
logo
Integrated Device Techn...
3CN IDT-3CN Datasheet
239Kb / 2P
   CrystalFree Oscillators Ultra Low Power Oscillators
logo
Toshiba Semiconductor
TA4014FE TOSHIBA-TA4014FE Datasheet
62Kb / 4P
   Crystal Oscillators
logo
EUROQUARTZ limited
HPK5361 EUROQUARTZ-HPK5361 Datasheet
261Kb / 1P
   PECL OSCILLATORS
logo
Epson ToYoCom
TCO-980 EPSONTOYOCOM-TCO-980 Datasheet
840Kb / 2P
   Crystal oscillators
logo
Wolfgang Knap
GMQASAWA-WK WK-GMQASAWA-WK Datasheet
44Kb / 1P
   CRYSTAL-OSCILLATORS
logo
American Accurate Compo...
JXWBFRDRO-T-8000-10 AAC-JXWBFRDRO-T-8000-10 Datasheet
37Kb / 1P
   Oscillators FRDRO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com