Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18H32FT-32.000-S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 18H32FT-32.000-S
Description  H32 OSCILLATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

18H32FT-32.000-S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  18H32FT-32.000-S Datasheet HTML 1Page - List of Unclassifed Manufacturers 18H32FT-32.000-S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MERCURY ELECTRONICS EUROPE Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230010 Fax: +44 (0)1460 230011, info@mecxtal-europe.com, www.mecxtal-europe.com
Example:
3H32DT-32.000-S
Supply Voltage:
5 = 5.0 Volts
3 = 3.3 Volts
25 = 2.5 Volts
18 = 1.8 Volts
12 = 1.2 Volts
1 = 1.0 Volts
Series Designation:
H32
Stability and Temperature Range:
A = ±25ppm over -10° to +70°C
B = ±50ppm over -10° to +70°C
C = ±100ppm over -10° to +70°C
D = ±25ppm over -40° to +85°C
E = ±50ppm over -40° to +85°C
F = ±100ppm over -40° to +85°C
Tristate (Enable/Disable) Function
Nominal Frequency:
In MHz
Duty Cycle/Symmetry:
S = 50%±5%
PART NUMBER FORMAT
3 H32 D T - 32.000 - S
3.2 x 2.5mm SMD
Page 2 of 2
SOLDER PROFILE
H32 OSCILLATORS


Similar Part No. - 18H32FT-32.000-S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
18H100M VISHAY-18H100M Datasheet
76Kb / 3P
   Quartz Crystals
01-Jan-2022
18H12M288 VISHAY-18H12M288 Datasheet
76Kb / 3P
   Quartz Crystals
01-Jan-2022
18H40M VISHAY-18H40M Datasheet
76Kb / 3P
   Quartz Crystals
01-Jan-2022
18H4M VISHAY-18H4M Datasheet
76Kb / 3P
   Quartz Crystals
01-Jan-2022
logo
Semtech Corporation
18HC SEMTECH-18HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
More results

Similar Description - 18H32FT-32.000-S

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GDQF EUROQUARTZ-GDQF Datasheet
545Kb / 4P
   Oscillators
HDF576 EUROQUARTZ-HDF576 Datasheet
138Kb / 1P
   OSCILLATORS
HDQF EUROQUARTZ-HDQF Datasheet
492Kb / 4P
   Oscillators
HDW62 EUROQUARTZ-HDW62 Datasheet
119Kb / 1P
   OSCILLATORS
logo
Integrated Device Techn...
3CN IDT-3CN Datasheet
239Kb / 2P
   CrystalFree Oscillators Ultra Low Power Oscillators
logo
Toshiba Semiconductor
TA4014FE TOSHIBA-TA4014FE Datasheet
62Kb / 4P
   Crystal Oscillators
logo
EUROQUARTZ limited
HPK5361 EUROQUARTZ-HPK5361 Datasheet
261Kb / 1P
   PECL OSCILLATORS
logo
Epson ToYoCom
TCO-980 EPSONTOYOCOM-TCO-980 Datasheet
840Kb / 2P
   Crystal oscillators
logo
Wolfgang Knap
GMQASAWA-WK WK-GMQASAWA-WK Datasheet
44Kb / 1P
   CRYSTAL-OSCILLATORS
logo
American Accurate Compo...
JXWBFRDRO-T-8000-10 AAC-JXWBFRDRO-T-8000-10 Datasheet
37Kb / 1P
   Oscillators FRDRO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com