Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X1G004131001300 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # X1G004131001300
Description  TG-5006CJ-22L 16.367667 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X1G004131001300 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  X1G004131001300 Datasheet HTML 1Page - List of Unclassifed Manufacturers X1G004131001300 Datasheet HTML 2Page - List of Unclassifed Manufacturers X1G004131001300 Datasheet HTML 3Page - List of Unclassifed Manufacturers X1G004131001300 Datasheet HTML 4Page - List of Unclassifed Manufacturers X1G004131001300 Datasheet HTML 5Page - List of Unclassifed Manufacturers X1G004131001300 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TCXO
TG-5006CJ
Product name
TG-5006CJ-22L 16.367667 MHz
Product Number / Ordering code
X1G0041310013xx
Please refer to the 10.Packing information about xx (last 2 digits)
Output waveform
Clipped sine wave
Pb free / Complies with EU RoHS directive
Reference weight Typ.9.1mg
1.Absolute maximum ratings
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions / Remarks
Maximum supply voltage
VCC-GND
-0.3
-
4
V
Vcc terminal
Storage temperature
T_stg
-40
-
90
ºC
Storage as single product
2.Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions / Remarks
Supply voltage
Vcc
1.7
-
3.3
V
GND = 0V
-
-
-
Operating temperature
T_use
-30
25
85
ºC
-
Output load condition
Load_R
9
10
11
-
Load_C
9
10
11
pF
DC cut capacitor=0.01µF
DC-cut capacitor is not included in this TCXO. Please attach an external DC-cut capacitor (0.01 μF Min.) to the out pin.
(Vcc=1.8, 2.8, 3.0, 3.3 V, Vc=1.65 V, GND=0.0 V, Load 10 kΩ//10 pF(DC cut), T_use=+25ºC)
3.Frequency Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions / Remarks
Output frequency
f0
-
16.3677
-
MHz
Frequency tolerance
f_tol
-2.0
-
2.0
x10
-6
T_use = +25ºC, Reflow 2 times
-
-
-
f0-Tc
-2
-
2
x10
-6
T_use = -30 ºC to +85 ºC
temperature characteristics
-
-
-
-
Frequency / load coefficient
f0-Load
-0.2
-
0.2
x10
-6
10 kΩ // 10 pF +/- 10%
Frequency / voltage coefficient
f0-Vcc
-0.2
-
0.2
x10
-6
Vcc +/- 5 %
Frequency slope
-
-
-
-
x10
-6/ ºC -
-
-
-
-
-
-
-
-
Frequency aging
f_age
-1.0
-
1.0
x10
-6
1st year, T_use=25degC
-
-
-
-
-
-
-
-
*1 Include initial frequency tolerance and frequency deviation after reflow cycles.
*2 Measured in the elapse of 24 hours after reflow soldering.
*3 Vcc +/- 5% must be in operating supply voltage range (1.7 V to 3.47 V)
(Vcc=1.8, 2.8, 3.0, 3.3 V, Vc=1.65 V, GND=0.0 V, Load 10 kΩ//10 pF(DC cut), T_use=+25ºC)
4.Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions / Remarks
Current consumption
Icc
-
-
1.5
mA
T_Use = +25ºC , 10 kΩ//10pF
Symmetry
SYM
40
-
60
%
GND Level
Output voltage
Vp-p
0.8
-
1.5
V
Peak to peak 10 kΩ//10pF +/- 10%
Harmonics
-
-
-
-8
dBc
-
-
-
-
-
start up time
tosc
-
-
2.0
ms
Within 90% of final amp.
-
-
2.0
ms
ΔF = +/- 1.0 x 10-6
Phase noise
L(f)
-
-
-85
dBc/Hz
Offset:10 Hz
-
-
-110
dBc/Hz
Offset:100 Hz
-
-
-132
dBc/Hz
Offset:1 kHz
-
-
-148
dBc/Hz
Offset:10 kHz
-
-
-148
dBc/Hz
Offset:100 kHz
-
-
-148
dBc/Hz
Offset:1 MHz
Frequency /
1 Page


Similar Part No. - X1G004131001300

ManufacturerPart #DatasheetDescription
logo
Epson Company
X1G004131001 EPSON-X1G004131001 Datasheet
354Kb / 8P
   TG-5006CJ-19H 26.000000 MHz
X1G004131001000 EPSON-X1G004131001000 Datasheet
354Kb / 8P
   TG-5006CJ-19H 26.000000 MHz
X1G0041310010XX EPSON-X1G0041310010XX Datasheet
354Kb / 8P
   TG-5006CJ-19H 26.000000 MHz
logo
List of Unclassifed Man...
X1G0041310011XX ETC2-X1G0041310011XX Datasheet
439Kb / 3P
   TG-5006CJ-20H 38.400000 MHz
X1G0041310011XX00 ETC2-X1G0041310011XX00 Datasheet
439Kb / 3P
   TG-5006CJ-20H 38.400000 MHz
More results

Similar Description - X1G004131001300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X1G0041310011XX ETC2-X1G0041310011XX Datasheet
439Kb / 3P
   TG-5006CJ-20H 38.400000 MHz
X1G0041310014XX ETC2-X1G0041310014XX Datasheet
439Kb / 6P
   TG-5006CJ-23L 16.368000 MHz
X1G0041310016XX ETC2-X1G0041310016XX Datasheet
439Kb / 6P
   TG-5006CJ-25L 19.200000 MHz
X1G0041310042XX ETC2-X1G0041310042XX Datasheet
439Kb / 6P
   TG-5006CJ-47L 32.000000 MHz
X1G0041310018XX ETC2-X1G0041310018XX Datasheet
439Kb / 6P
   TG-5006CJ-27L 38.400000 MHz
logo
Epson Company
X1G0041310010XX EPSON-X1G0041310010XX Datasheet
354Kb / 8P
   TG-5006CJ-19H 26.000000 MHz
logo
List of Unclassifed Man...
X1G0041310041XX ETC2-X1G0041310041XX Datasheet
439Kb / 6P
   XTAL OSC VCTCXO 40.0000MHZ SNWV
logo
PHOENIX CONTACT
3046388 PHOENIX-3046388 Datasheet
121Kb / 7P
   UT 2,5-TG
2774237 PHOENIX-2774237 Datasheet
155Kb / 6P
   DIKD 1,5-TG
3011054 PHOENIX-3011054 Datasheet
133Kb / 6P
   DOKD 1,5-TG
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com