Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC128S052 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC128S052
Description  8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S052 Datasheet(HTML) 1 Page - Texas Instruments

  ADC128S052_16 Datasheet HTML 1Page - Texas Instruments ADC128S052_16 Datasheet HTML 2Page - Texas Instruments ADC128S052_16 Datasheet HTML 3Page - Texas Instruments ADC128S052_16 Datasheet HTML 4Page - Texas Instruments ADC128S052_16 Datasheet HTML 5Page - Texas Instruments ADC128S052_16 Datasheet HTML 6Page - Texas Instruments ADC128S052_16 Datasheet HTML 7Page - Texas Instruments ADC128S052_16 Datasheet HTML 8Page - Texas Instruments ADC128S052_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
SAR
ADC
VA
VD
IN7
IN6
IN5
IN4
IN3
IN2
IN1
IN0
AGND
DGND
4-wire SPI
VIN7
VIN3
VIN0
MCU
VA is used as the Reference
for the ADC
VD can be set independently
of VA
“Digital” Supply Rail
“Analog” Supply Rail
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ADC128S052, ADC128S052-Q1
SNAS333E – AUGUST 2005 – REVISED DECEMBER 2015
ADC128S052, ADC128S052-Q1 8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
1 Features
3 Description
The ADC128S052x device is a low-power, eight-
1
Qualified for Automotive Applications
channel CMOS 12-bit analog-to-digital converter
AEC-Q100 Qualified With the Following Results:
specified for conversion throughput rates of
Device Temperature Grade 1: –40°C to
200 kSPS to 500 kSPS. The converter is based on a
+125°C Ambient Operating Temperature
successive-approximation register architecture with
Range
an internal track-and-hold circuit. It can be configured
to accept up to eight input signals at inputs IN0
Eight Input Channels
through IN7.
Variable Power Management
The output serial data is straight binary and is
Independent Analog and Digital Supplies
compatible with several standards, such as SPI,
Compatible With SPI™, QSPI™, MICROWIRE,
QSPI, MICROWIRE, and many common DSP serial
and DSP
interfaces.
Packaged in 16-Pin TSSOP
The
ADC128S052x
may
be
operated
with
Conversion Rate 200 kSPS to 500 kSPS
independent analog and digital supplies. The analog
supply (VA) can range from 2.7 V to 5.25 V, and the
DNL (VA = VD = 5 V) + 1.3 or −0.9 LSB
digital supply (VD) can range from 2.7 V to VA.
(Maximum)
Normal power consumption using a 3-V or
INL (VA = VD = 5 V) ±1 LSB (Maximum)
5-V supply is 1.6 mW and 8.7 mW, respectively. The
Power Consumption
power-down feature reduces the power consumption
3-V Supply 1.6 mW (Typical)
to 0.06 µW using a 3-V supply and 0.25 µW using a
5-V supply.
5-V Supply 8.7 mW (Typical)
The ADC128S052x is packaged in a 16-pin TSSOP
2 Applications
package. The ADC128S052 is ensured over the
extended industrial temperature range of
−40°C to
Automotive Navigation
+105°C while the ADC128S052-Q1 is ensured to an
Portable Systems
AECQ100 Grade-1 automotive temperature range of
Medical Instruments
−40°C to +125°C.
Mobile Communications
Device Information(1)
Instrumentation and Control Systems
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADC128S052,
TSSOP (16)
4.40 mm × 5.00 mm
ADC128S052-Q1
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ADC128S052_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
More results

Similar Description - ADC128S052_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com