Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC128S052CIMT Datasheet(PDF) 7 Page - Texas Instruments

Part # ADC128S052CIMT
Description  8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S052CIMT Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC128S052CIMT Datasheet HTML 3Page - Texas Instruments ADC128S052CIMT Datasheet HTML 4Page - Texas Instruments ADC128S052CIMT Datasheet HTML 5Page - Texas Instruments ADC128S052CIMT Datasheet HTML 6Page - Texas Instruments ADC128S052CIMT Datasheet HTML 7Page - Texas Instruments ADC128S052CIMT Datasheet HTML 8Page - Texas Instruments ADC128S052CIMT Datasheet HTML 9Page - Texas Instruments ADC128S052CIMT Datasheet HTML 10Page - Texas Instruments ADC128S052CIMT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ADC128S052, ADC128S052-Q1
www.ti.com
SNAS333E – AUGUST 2005 – REVISED DECEMBER 2015
Electrical Characteristics (continued)
The following specifications apply for AGND = DGND = 0 V, fSCLK = 3.2 MHz to 8 MHz, fSAMPLE = 200 kSPS to 500 kSPS, CL =
50 pF, unless otherwise noted. Maximum and minimum limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX(2)
UNIT
DIGITAL OUTPUT CHARACTERISTICS
ISOURCE = 200 µA,
VOH
Output High Voltage
VD − 0.5
V
VA = VD = 2.7 V to 5.25 V
ISINK = 200 µA to 1.0 mA,
VOL
Output Low Voltage
0.4
V
VA = VD = 2.7 V to 5.25 V
IOZH,
Hi-Impedance Output Leakage
VA = VD = 2.7 V to 5.25 V
±1
µA
IOZL
Current
Hi-Impedance Output
COUT
2
4
pF
Capacitance(1)
Output Coding
Straight (Natural) Binary
POWER SUPPLY CHARACTERISTICS (CL = 10 pF)
Analog and Digital Supply
VA, VD
VA ≥ VD
2.7
5.25
V
Voltages
VA = VD = 2.7 V to 3.6 V,
0.54
1.2
mA
fSAMPLE = 500 kSPS, fIN = 40 kHz
Total Supply Current
Normal Mode ( CS low)
VA = VD = 4.75 V to 5.25 V,
1.74
2.6
mA
fSAMPLE = 500 kSPS, fIN = 40 kHz
IA + ID
VA = VD = 2.7 V to 3.6 V,
20
nA
fSCLK = 0 kSPS
Total Supply Current
Shutdown Mode (CS high)
VA = VD = 4.75 V to 5.25 V,
50
nA
fSCLK = 0 kSPS
VA = VD = 3 V
1.6
3.6
mW
fSAMPLE = 500 kSPS, fIN = 40 kHz
Power Consumption
Normal Mode ( CS low)
VA = VD = 5.0 V
8.7
13.0
mW
fSAMPLE = 500 kSPS, fIN = 40 kHz
PC
VA = VD = 3 V
0.06
µW
fSCLK = 0 kSPS
Power Consumption
Shutdown Mode (CS high)
VA = VD = 5 V
0.25
µW
fSCLK = 0 kSPS
AC ELECTRICAL CHARACTERISTICS
fSCLKMI
Minimum Clock Frequency
VA = VD = 2.7 V to 5.25 V
3.2
0.8
MHz
N
fSCLK
Maximum Clock Frequency
VA = VD = 2.7 V to 5.25 V
16
8
MHz
200
50
kSPS
Sample Rate
fS
VA = VD = 2.7 V to 5.25 V
Continuous Mode
1000
500
kSPS
tCONVER
SCLK
Conversion (Hold) Time
VA = VD = 2.7 V to 5.25 V
13
T
cycles
40%
30%
DC
SCLK Duty Cycle
VA = VD = 2.7 V to 5.25 V
70%
60%
SCLK
tACQ
Acquisition (Track) Time
VA = VD = 2.7 V to 5.25 V
3
cycles
Acquisition Time + Conversion Time
SCLK
Throughput Time
16
VA = VD = 2.7 V to 5.25 V
cycles
tAD
Aperture Delay
VA = VD = 2.7 V to 5.25 V
4
ns
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC128S052 ADC128S052-Q1


Similar Part No. - ADC128S052CIMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT/NOPB TI1-ADC128S052CIMT/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMTX TI1-ADC128S052CIMTX Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMTX/NOPB TI1-ADC128S052CIMTX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
More results

Similar Description - ADC128S052CIMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com