Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS41B29IRGZ25 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS41B29IRGZ25
Description  Ultralow-Power ADCs
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS41B29IRGZ25 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS41B29IRGZ25 Datasheet HTML 7Page - Texas Instruments ADS41B29IRGZ25 Datasheet HTML 8Page - Texas Instruments ADS41B29IRGZ25 Datasheet HTML 9Page - Texas Instruments ADS41B29IRGZ25 Datasheet HTML 10Page - Texas Instruments ADS41B29IRGZ25 Datasheet HTML 11Page - Texas Instruments ADS41B29IRGZ25 Datasheet HTML 12Page - Texas Instruments ADS41B29IRGZ25 Datasheet HTML 13Page - Texas Instruments ADS41B29IRGZ25 Datasheet HTML 14Page - Texas Instruments ADS41B29IRGZ25 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
11
ADS41B29, ADS41B49
www.ti.com
SBAS486F – NOVEMBER 2009 – REVISED FEBRUARY 2016
Product Folder Links: ADS41B29 ADS41B49
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
Minimum values for ADS41B49 are specified across the ambient temperature range of –40°C to +105°C.
(2)
SDATA and SCLK have an internal 180-k
Ω pull-down resistor.
(3)
SEN has an internal 180-k
Ω pull-up resistor to AVDD.
(4)
With an external 100-
Ω termination.
6.7 Digital Characteristics
(1)
Typical values are at TA = 25°C, AVDD = 1.8 V, AVDD_BUF = 3.3 V, and DRVDD = 1.8 V, unless otherwise noted. Minimum
and maximum values are across the full ambient temperature range: TA, MIN = –40°C to TA, MAX = 85°C, AVDD = 1.8 V,
AVDD_BUF = 3.3 V, and DRVDD = 1.8 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS (RESET, SCLK, SDATA, SEN, OE)
High-level input voltage
RESET, SCLK, SDATA, and SEN
support 1.8-V and 3.3-V CMOS logic
levels
1.3
V
OE only supports 1.8-V CMOS logic
levels
1.3
V
Low-level input voltage
RESET, SCLK, SDATA, and SEN
support 1.8-V and 3.3-V CMOS logic
levels
0.4
V
OE only supports 1.8-V CMOS logic
levels
0.4
V
High-level input current
SDATA, SCLK(2)
VHIGH = 1.8 V
10
µA
SEN(3)
VHIGH = 1.8 V
0
µA
Low-level input current
SDATA, SCLK
VLOW = 0 V
0
µA
SEN
VLOW = 0 V
–10
µA
DIGITAL OUTPUTS (CMOS INTERFACE: D0 TO D13, OVR_SDOUT)
High-level output voltage
DRVDD –
0.1
DRVDD
V
Low-level output voltage
0
0.1
V
DIGITAL OUTPUTS (LVDS INTERFACE: D0_D1_P/M to D12_D13_P/M, CLKOUTP/M)
VODH
High-level output voltage(4)
Standard swing LVDS
270
350
430
mV
Low swing LVDS
200
mV
VODL
Low-level output voltage(4)
Standard swing LVDS
–430
–350
–270
mV
Low swing LVDS
–200
mV
VOCM
Output common-mode voltage
0.85
1.05
1.25
V


Similar Part No. - ADS41B29IRGZ25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS41B29IRGZ25 TI-ADS41B29IRGZ25 Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
More results

Similar Description - ADS41B29IRGZ25

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2258-12 LINER-LTC2258-12_15 Datasheet
995Kb / 34P
   12-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2258-14 LINER-LTC2258-14_15 Datasheet
1Mb / 34P
   14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2259-12 LINER-LTC2259-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-12 LINER-LTC2261-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2257-12 LINER-LTC2257-12_15 Datasheet
995Kb / 34P
   12-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2261-12 LINER-LTC2261-12 Datasheet
823Kb / 32P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14_1208 LINER-LTC2261-14_1208 Datasheet
506Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14 LINER-LTC2261-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2256-14 LINER-LTC2256-14_15 Datasheet
1Mb / 34P
   14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2258-14 LINER-LTC2258-14 Datasheet
1Mb / 32P
   14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com