Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54J40 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS54J40
Description  Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS54J40 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS54J40 Datasheet HTML 7Page - Texas Instruments ADS54J40 Datasheet HTML 8Page - Texas Instruments ADS54J40 Datasheet HTML 9Page - Texas Instruments ADS54J40 Datasheet HTML 10Page - Texas Instruments ADS54J40 Datasheet HTML 11Page - Texas Instruments ADS54J40 Datasheet HTML 12Page - Texas Instruments ADS54J40 Datasheet HTML 13Page - Texas Instruments ADS54J40 Datasheet HTML 14Page - Texas Instruments ADS54J40 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
CLKIN
1.0 GSPS
SYSREF
ts_max
ts_min
Sample N
ADS54J40
www.ti.com
SBAS714A – MAY 2015 – REVISED OCTOBER 2015
6.8 Timing Characteristics
Typical values are at TA = 25°C, full temperature range is from TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 1.0 GSPS,
50% clock duty cycle, AVDD3V = 3.0 V, AVDD = DVDD = 1.9 V, IOVDD = 1.15 V, and –1-dBFS differential input, unless
otherwise noted.
MIN
TYP
MAX
UNITS
SAMPLE TIMING
Aperture delay
0.75
1.6
ns
Aperture delay matching between two channels on the same device
±70
ps
Aperture delay matching between two devices at the same temperature and supply voltage
±270
ps
Aperture jitter
145
fS rms
WAKE-UP TIMING
Wake-up time to valid data after coming out of global power-down
150
µs
LATENCY
Input
Data latency(1): ADC sample to digital output
134
clock
cycles
Input
OVR latency: ADC sample to OVR bit
62
clock
cycles
tPD
Propagation delay: logic gates and output buffers delay (does not change with fS)
4
ns
SYSREF TIMING
tSU_SYSREF
Setup time for SYSREF, referenced to the input clock falling edge
300
900
ps
tH_SYSREF
Hold time for SYSREF, referenced to the input clock falling edge
100
ps
JESD OUTPUT INTERFACE TIMING CHARACTERISTICS
Unit interval
100
400
ps
Serial output data rate
2.5
10
Gbps
Total jitter for BER of 1E-15 and lane rate = 10 Gbps
26
ps
Random jitter for BER of 1E-15 and lane rate = 10 Gbps
0.75
ps rms
Deterministic jitter for BER of 1E-15 and lane rate = 10 Gbps
12
ps, pk-pk
Data rise time, data fall time: rise and fall times are measured from 20% to 80%,
tR, tF
35
ps
differential output waveform, 2.5 Gbps
≤ bit rate ≤ 10 Gbps
(1)
Overall ADC latency = data latency + tPDI.
Figure 1. SYSREF Timing
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADS54J40


Similar Part No. - ADS54J40

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54J42 TI1-ADS54J42 Datasheet
4Mb / 81P
[Old version datasheet]   Dual-Channel, 14-Bit, 625-MSPS, Analog-to-Digital Converter
ADS54J42IRMP TI1-ADS54J42IRMP Datasheet
4Mb / 81P
[Old version datasheet]   Dual-Channel, 14-Bit, 625-MSPS, Analog-to-Digital Converter
ADS54J42IRMPT TI1-ADS54J42IRMPT Datasheet
4Mb / 81P
[Old version datasheet]   Dual-Channel, 14-Bit, 625-MSPS, Analog-to-Digital Converter
More results

Similar Description - ADS54J40

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54J20 TI1-ADS54J20 Datasheet
5Mb / 81P
[Old version datasheet]   Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
ADS54J60 TI1-ADS54J60 Datasheet
4Mb / 76P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF44 TI1-ADC32RF44_18 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF42 TI1-ADC32RF42 Datasheet
5Mb / 127P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.5-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9691 AD-AD9691 Datasheet
1Mb / 72P
   14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com