Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC128S052QCMTX Datasheet(PDF) 5 Page - Texas Instruments

Part # ADC128S052QCMTX
Description  8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S052QCMTX Datasheet(HTML) 5 Page - Texas Instruments

  ADC128S052QCMTX Datasheet HTML 1Page - Texas Instruments ADC128S052QCMTX Datasheet HTML 2Page - Texas Instruments ADC128S052QCMTX Datasheet HTML 3Page - Texas Instruments ADC128S052QCMTX Datasheet HTML 4Page - Texas Instruments ADC128S052QCMTX Datasheet HTML 5Page - Texas Instruments ADC128S052QCMTX Datasheet HTML 6Page - Texas Instruments ADC128S052QCMTX Datasheet HTML 7Page - Texas Instruments ADC128S052QCMTX Datasheet HTML 8Page - Texas Instruments ADC128S052QCMTX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ADC128S052, ADC128S052-Q1
www.ti.com
SNAS333E – AUGUST 2005 – REVISED DECEMBER 2015
6.4 Recommended Operating Conditions
See
(1)
MIN
NOM
MAX
UNIT
ADC128S052
−40
TA
105
°C
Operating Temperature
ADC128S052-Q1
−40
TA
125
°C
VA Supply Voltage
2.7
5.25
V
VD Supply Voltage
2.7
VA
V
Digital Input Voltage
0
VA
V
Analog Input Voltage
0
VA
V
Clock Frequency
50
1600
kHz
(1)
All voltages are measured with respect to GND = 0 V, unless otherwise specified.
6.5 Thermal Information
ADC128S052, ADC128S052-Q1
THERMAL METRIC(1)
PW (TSSOP)
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
110
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
42
°C/W
RθJB
Junction-to-board thermal resistance
56
°C/W
ψJT
Junction-to-top characterization parameter
5
°C/W
ψJB
Junction-to-board characterization parameter
55
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.6 Electrical Characteristics
The following specifications apply for AGND = DGND = 0 V, fSCLK = 3.2 MHz to 8 MHz, fSAMPLE = 200 kSPS to 500 kSPS, CL =
50 pF, unless otherwise noted. Maximum and minimum limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX(2)
UNIT
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing
12
Bits
Codes
VA = VD = 3 V
±0.3
±1
LSB
Integral Non-Linearity (End
INL
Point Method)
VA = VD = 5 V
±0.4
±1
LSB
0.3
0.9
LSB
VA = VD = 3 V
−0.7
−0.2
LSB
DNL
Differential Non-Linearity
0.6
1.3
LSB
VA = VD = 5 V
−0.9
−0.4
LSB
VA = VD = 3 V
0.8
±2.3
LSB
VOFF
Offset Error
VA = VD = 5 V
1.2
±2.3
LSB
VA = VD = 3 V
±0.05
±1.5
LSB
OEM
Offset Error Match
VA = VD = 5 V
±0.2
±1.5
LSB
VA = VD = 3 V
0.6
±2.0
LSB
FSE
Full Scale Error
VA = VD = 5 V
0.3
±2.0
LSB
VA = VD = 3 V
±0.05
±1.5
LSB
FSEM
Full Scale Error Match
VA = VD = 5 V
±0.2
±1.5
LSB
(1)
Data sheet minimum and maximum specification limits are ensured by design, test, or statistical analysis.
(2)
Tested limits are ensured to TI's AOQL (Average Outgoing Quality Level).
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC128S052 ADC128S052-Q1


Similar Part No. - ADC128S052QCMTX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S052QCMTX/NOPB TI1-ADC128S052QCMTX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
More results

Similar Description - ADC128S052QCMTX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com