Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS131E08S Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS131E08S
Description  Eight-Channel, 24-Bit, Analog Front-End with Fast Power-Up Time
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS131E08S Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS131E08S Datasheet HTML 2Page - Texas Instruments ADS131E08S Datasheet HTML 3Page - Texas Instruments ADS131E08S Datasheet HTML 4Page - Texas Instruments ADS131E08S Datasheet HTML 5Page - Texas Instruments ADS131E08S Datasheet HTML 6Page - Texas Instruments ADS131E08S Datasheet HTML 7Page - Texas Instruments ADS131E08S Datasheet HTML 8Page - Texas Instruments ADS131E08S Datasheet HTML 9Page - Texas Instruments ADS131E08S Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
6
ADS131E08S
SBAS705A – JUNE 2015 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: ADS131E08S
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
AVDD
Analog power supply
AVDD to AVSS
2.7
5.0
5.25
V
DVDD
Digital power supply
DVDD to DGND
1.7
1.8
3.6
V
Analog to digital supply
AVDD to DVDD
–2.1
3.6
V
ANALOG INPUTS
VIN
Differential input voltage
VIN = V(AINP) – V(AINN)
–VREF / Gain
VREF / Gain
V
VCM
Common-mode input voltage
VCM = (V(AINP) – V(AINN)) / 2
See the Input Common-Mode Range section
V
VOLTAGE REFERENCE INPUTS
REFN
Negative reference input
AVSS
V
EXTERNAL CLOCK SOURCE
fCLK
Master clock rate
CLKSEL pin = 0,
(AVDD – AVSS) = 3 V
1.7
2.048
2.25
MHz
CLKSEL pin = 0,
(AVDD – AVSS) = 5 V
1.0
2.048
2.25
DIGITAL INPUTS
Input voltage
DGND – 0.1
DVDD + 0.1
V
TEMPERATURE RANGE
TA
Operating ambient temperature
–40
105
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
ADS131E08S
UNIT
PAG (TQFP)
64 PINS
RθJA
Junction-to-ambient thermal resistance
46.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
5.8
°C/W
RθJB
Junction-to-board thermal resistance
19.6
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
19.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W


Similar Part No. - ADS131E08S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS131E08 TI1-ADS131E08 Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08 TI1-ADS131E08 Datasheet
1Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08 TI1-ADS131E08 Datasheet
2Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08IPAG TI1-ADS131E08IPAG Datasheet
1Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08IPAG TI1-ADS131E08IPAG Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
More results

Similar Description - ADS131E08S

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3914 MICROCHIP-MCP3914 Datasheet
2Mb / 80P
   3V Eight-Channel Analog Front End
11/29/12
logo
Texas Instruments
ADS1291 TI1-ADS1291_14 Datasheet
1Mb / 75P
[Old version datasheet]   Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1005 TI-ADS1294_1005 Datasheet
964Kb / 75P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294_12 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1007 TI-ADS1294_1007 Datasheet
1Mb / 78P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296 TI1-ADS1296_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com