Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54J69IRMPT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS54J69IRMPT
Description  Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS54J69IRMPT Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS54J69IRMPT Datasheet HTML 4Page - Texas Instruments ADS54J69IRMPT Datasheet HTML 5Page - Texas Instruments ADS54J69IRMPT Datasheet HTML 6Page - Texas Instruments ADS54J69IRMPT Datasheet HTML 7Page - Texas Instruments ADS54J69IRMPT Datasheet HTML 8Page - Texas Instruments ADS54J69IRMPT Datasheet HTML 9Page - Texas Instruments ADS54J69IRMPT Datasheet HTML 10Page - Texas Instruments ADS54J69IRMPT Datasheet HTML 11Page - Texas Instruments ADS54J69IRMPT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
8
ADS54J69
SBAS713B – MAY 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: ADS54J69
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
AC Characteristics (continued)
typical values are at TA = 25°C, full temperature range is from TMIN = –40°C to TMAX = 85°C, device clock frequency =
1 GSPS, output sampling rate = 500 MSPS, 50% clock duty cycle, AVDD3V = 3.0 V, AVDD = DVDD = 1.9 V, IOVDD =
1.15 V, and –1-dBFS differential input (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Non
HD2, HD3
Spurious-free dynamic range
(excluding HD2, HD3, and IL spur)
fIN = 10 MHz, AIN = –1 dBFS
98
dBc
fIN = 140 MHz, AIN = –1 dBFS
95
fIN = 170 MHz, AIN = –1 dBFS
84
94
fIN = 210 MHz, AIN = –1 dBFS
89
fIN = 310 MHz, AIN = –1 dBFS
92
fIN = 370 MHz, AIN = –1 dBFS
97
fIN = 470 MHz, AIN = –3 dBFS
92
ENOB
Effective number of bits
fIN = 10 MHz, AIN = –1 dBFS
12
Bits
fIN = 140 MHz, AIN = –1 dBFS
11.9
fIN = 170 MHz, AIN = –1 dBFS
11.3
11.9
fIN = 210 MHz, AIN = –1 dBFS
11.8
fIN = 310 MHz, AIN = –1 dBFS
11.5
fIN = 370 MHz, AIN = –1 dBFS
11.4
fIN = 470 MHz, AIN = –3 dBFS
11.2
THD
Total harmonic distortion
fIN = 10 MHz, AIN = –1 dBFS
84
dBc
fIN = 140 MHz, AIN = –1 dBFS
95
fIN = 170 MHz, AIN = –1 dBFS
79
89
fIN = 210 MHz, AIN = –1 dBFS
85
fIN = 310 MHz, AIN = –1 dBFS
80
fIN = 370 MHz, AIN = –1 dBFS
85
fIN = 470 MHz, AIN = –3 dBFS
72
SFDR_IL
Interleaving spur
fIN = 10 MHz, AIN = –1 dBFS
90
dBc
fIN = 140 MHz, AIN = –1 dBFS
90
fIN = 170 MHz, AIN = –1 dBFS
75
87
fIN = 210 MHz, AIN = –1 dBFS
85
fIN = 310 MHz, AIN = –1 dBFS
85
fIN = 370 MHz, AIN = –1 dBFS
86
fIN = 470 MHz, AIN = –3 dBFS
82
IMD3
Two-tone, third-order
intermodulation distortion
fIN1 = 185 MHz, fIN2 = 190 MHz,
AIN = –7 dBFS
86
dBFS
fIN1 = 365 MHz, fIN2 = 370 MHz,
AIN = –7 dBFS
79
fIN1 = 465 MHz, fIN2 = 470 MHz,
AIN = –10 dBFS
78


Similar Part No. - ADS54J69IRMPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54J60 TI1-ADS54J60 Datasheet
4Mb / 76P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J60IRMP TI1-ADS54J60IRMP Datasheet
4Mb / 76P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J60IRMPT TI1-ADS54J60IRMPT Datasheet
4Mb / 76P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J64 TI1-ADS54J64 Datasheet
8Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 1-GSPS, 2x Oversampling, Analog-to-Digital Converter
ADS54J64IRMP TI1-ADS54J64IRMP Datasheet
8Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 1-GSPS, 2x Oversampling, Analog-to-Digital Converter
More results

Similar Description - ADS54J69IRMPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC31JB68 TI1-ADC31JB68 Datasheet
3Mb / 74P
[Old version datasheet]   Single Channel 16-bit 500 Msps Analog to Digital Converter
DAC5686 TI1-DAC5686_16 Datasheet
822Kb / 53P
[Old version datasheet]   16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5686 TI-DAC5686 Datasheet
1Mb / 46P
[Old version datasheet]   16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
DAC5686 TI-DAC5686_15 Datasheet
706Kb / 53P
[Old version datasheet]   16-BIT, 500-MSPS, 2횞??6횞 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5687IPZPR TI-DAC5687IPZPR Datasheet
2Mb / 79P
[Old version datasheet]   16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC3174 TI-DAC3174 Datasheet
779Kb / 40P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC5687-EP TI-DAC5687-EP_15 Datasheet
2Mb / 76P
[Old version datasheet]   16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com