Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1000A1QDBVRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1000A1QDBVRQ1
Description  Low-Power 12-Bit Analog-to-Digital Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1000A1QDBVRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1000A1QDBVRQ1 Datasheet HTML 4Page - Texas Instruments ADS1000A1QDBVRQ1 Datasheet HTML 5Page - Texas Instruments ADS1000A1QDBVRQ1 Datasheet HTML 6Page - Texas Instruments ADS1000A1QDBVRQ1 Datasheet HTML 7Page - Texas Instruments ADS1000A1QDBVRQ1 Datasheet HTML 8Page - Texas Instruments ADS1000A1QDBVRQ1 Datasheet HTML 9Page - Texas Instruments ADS1000A1QDBVRQ1 Datasheet HTML 10Page - Texas Instruments ADS1000A1QDBVRQ1 Datasheet HTML 11Page - Texas Instruments ADS1000A1QDBVRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
ADS1000-Q1
Clock
Oscillator
I C
2
Interface
A/D
Converter
PGA
A = 1, 2, 4, or 8
V
DD
V
IN+
V
IN-
GND
SDA
SCL
ADS1000-Q1
SBAS480B – SEPTEMBER 2009 – REVISED OCTOBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The ADS1000-Q1 is a fully differential, 12-bit A/D converter. The ADS1000-Q1 allows users to obtain precise
measurements with a minimum of effort, and the device is easy to design with and configure.
The ADS1000-Q1 consists of an A/D converter core with adjustable gain, a clock generator, and an I2C interface.
Each of these blocks are described in detail in the following sections.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Analog-to-Digital Converter
The ADS1000-Q1 uses a switched-capacitor input stage. To external circuitry, it looks roughly like a resistance.
The resistance value depends on the capacitor values and the rate at which they are switched. The switching
clock is generated by the onboard clock generator, so its frequency, nominally 275 kHz, is dependent on supply
voltage and temperature. The capacitor values depend on the PGA setting.
The common-mode and differential input impedances are different. For a gain setting of PGA, the differential
input impedance is typically 2.4 M
Ω/PGA. The common-mode impedance is typically 8 MΩ.
7.3.2 Clock Generator
The ADS1000-Q1 features an onboard clock generator. The Typical Characteristics show variations in data rate
over supply voltage and temperature. It is not possible to operate the ADS1000-Q1 with an external clock.
7.4 Device Functional Modes
7.4.1 Operating Modes
The ADS1000-Q1 operates in one of two modes: continuous conversion and single conversion.
In continuous conversion mode, the ADS1000-Q1 continuously performs conversions. Once a conversion has
been completed, the ADS1000-Q1 places the result in the output register, and immediately begins another
conversion. When the ADS1000-Q1 is in continuous conversion mode, the ST/BSY bit in the configuration
register always reads 1.
In single conversion mode, the ADS1000-Q1 waits until the ST/BSY bit in the conversion register is set to 1.
When this happens, the ADS1000-Q1 powers up and performs a single conversion. After the conversion
completes, the ADS1000-Q1 places the result in the output register, resets the ST/BSY bit to 0 and powers
down. Writing a 1 to ST/BSY while a conversion is in progress has no effect.
When switching from continuous conversion mode to single conversion mode, the ADS1000-Q1 will complete the
current conversion, reset the ST/BSY bit to 0 and power down the device.
8
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: ADS1000-Q1


Similar Part No. - ADS1000A1QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1000A1QDBVRQ1 TI1-ADS1000A1QDBVRQ1 Datasheet
661Kb / 20P
[Old version datasheet]   LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
More results

Similar Description - ADS1000A1QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952801XC DATEL-5962-8952801XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XC DATEL-5962-8850802XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Texas Instruments
ADS7812 TI1-ADS7812 Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com