Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1018IDGSR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1018IDGSR
Description  Analog-to-Digital Converter Internal Reference and Temperature Sensor
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1018IDGSR Datasheet(HTML) 4 Page - Texas Instruments

  ADS1018IDGSR Datasheet HTML 1Page - Texas Instruments ADS1018IDGSR Datasheet HTML 2Page - Texas Instruments ADS1018IDGSR Datasheet HTML 3Page - Texas Instruments ADS1018IDGSR Datasheet HTML 4Page - Texas Instruments ADS1018IDGSR Datasheet HTML 5Page - Texas Instruments ADS1018IDGSR Datasheet HTML 6Page - Texas Instruments ADS1018IDGSR Datasheet HTML 7Page - Texas Instruments ADS1018IDGSR Datasheet HTML 8Page - Texas Instruments ADS1018IDGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
1
2
3
4
5
10
9
8
7
6
SCLK
GND
AIN0
AIN1
DIN
VDD
AIN3
AIN2
CS
DOUT/
DRDY
AIN1
DIN
5
10
1
2
3
4
SCLK
CS
GND
AIN0
AIN1
DIN
9
8
7
6
DOUT/
DRDY
VDD
AIN3
AIN2
ADS1018
SBAS526C – NOVEMBER 2012 – REVISED NOVEMBER 2015
www.ti.com
5 Device Comparison Table
MAXIMUM SAMPLE
INPUT CHANNELS
RESOLUTION
SPECIAL
DEVICE
RATE
Differential
PGA
INTERFACE
(Bits)
FEATURES
(SPS)
(Single-Ended)
ADS1118
16
860
2 (4)
Yes
SPI
Temperature sensor
ADS1018
12
3300
2 (4)
Yes
SPI
Temperature sensor
ADS1115
16
860
2 (4)
Yes
Comparator
I2C
ADS1114
16
860
1 (1)
Yes
Comparator
I2C
ADS1113
16
860
1 (1)
No
None
I2C
ADS1015
12
3300
2 (4)
Yes
Comparator
I2C
ADS1014
12
3300
1 (1)
Yes
Comparator
I2C
ADS1013
12
3300
1 (1)
No
None
I2C
6 Pin Configuration and Functions
RUG Package
DGS Package
10-Pin X2QFN
10-Pin VSSOP
Top View
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
SCLK
Digital input
Serial clock input
2
CS
Digital input
Chip select; active low. Connect to GND if not used.
3
GND
Supply
Ground
4
AIN0
Analog input
Analog input 0. Leave unconnected or tie to VDD if not used.
5
AIN1
Analog input
Analog input 1. Leave unconnected or tie to VDD if not used.
6
AIN2
Analog input
Analog input 2. Leave unconnected or tie to VDD if not used.
7
AIN3
Analog input
Analog input 3. Leave unconnected or tie to VDD if not used.
8
VDD
Supply
Power supply. Connect a 0.1-µF power-supply decoupling capacitor to GND.
9
DOUT/DRDY
Digital output
Serial data output combined with data ready; active low
10
DIN
Digital input
Serial data input
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: ADS1018


Similar Part No. - ADS1018IDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1018IDGSR TI1-ADS1018IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results

Similar Description - ADS1018IDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1115-Q1 TI1-ADS1115-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter With Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI-ADS1118_13 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Texas Instruments
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Burr-Brown (TI)
DAC7742 BURR-BROWN-DAC7742 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Texas Instruments
DAC7741 TI1-DAC7741_15 Datasheet
970Kb / 23P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com