Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS4128IRGZR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4128IRGZR
Description  12-Bit, 200-MSPS, Ultralow-Power ADC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4128IRGZR Datasheet(HTML) 1 Page - Texas Instruments

  ADS4128IRGZR Datasheet HTML 1Page - Texas Instruments ADS4128IRGZR Datasheet HTML 2Page - Texas Instruments ADS4128IRGZR Datasheet HTML 3Page - Texas Instruments ADS4128IRGZR Datasheet HTML 4Page - Texas Instruments ADS4128IRGZR Datasheet HTML 5Page - Texas Instruments ADS4128IRGZR Datasheet HTML 6Page - Texas Instruments ADS4128IRGZR Datasheet HTML 7Page - Texas Instruments ADS4128IRGZR Datasheet HTML 8Page - Texas Instruments ADS4128IRGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
12-bit ADC
Reference
Sampling
Circuit
CLK
Gen
ADS4128
LVDS
VCM
INP
INM
CLKP
CLKM
D0_D1P
D0_D1M
D10_D11P
D10_D11M
CLKOUTP
CLKOUTM
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ADS4128
SBAS578A – MAY 2012 – REVISED JANUARY 2016
ADS4128 12-Bit, 200-MSPS, Ultralow-Power ADC
1 Features
2 Applications
1
Maximum Sample Rate: 200 MSPS
Wireless Communications Infrastructure
Ultralow Power with 1.8-V Single Supply:
Software-Defined Radio
Power Amplifier Linearization
230-mW Total Power at 200 MSPS
High Dynamic Performance:
3 Description
SNR: 69 dBFS at 170 MHz
The ADS4128 is a 12-bit analog-to-digital converter
SFDR: 85 dBc at 170 MHz
(ADC) with sampling rates up to 200 MSPS. This
Dynamic Power Scaling With Sample Rate
device uses innovative design techniques to achieve
high
dynamic
performance,
while
consuming
Output Interface:
extremely low power at 1.8-V supply. The device is
Double Data Rate (DDR) LVDS with
well-suited
for
multi-carrier,
wide-bandwidth
Programmable Swing and Strength
communications applications.
Standard Swing: 350 mV
The ADS4128 has fine-gain options that can be used
Low Swing: 200 mV
to improve SFDR performance at lower full-scale
Default Strength: 100-
Ω Termination
input ranges, especially at high input frequencies. It
includes a dc offset correction loop that can be used
2× Strength: 50-
Ω Termination
to cancel the ADC offset. At lower sampling rates, the
1.8-V Parallel CMOS Interface Also Supported
ADC automatically operates at scaled-down power
Programmable Gain up to 6 dB for SNR and
with no loss in performance.
SFDR Trade-Off
The ADS4128 is available in a compact VQFN-48
DC Offset Correction
package
and
is
specified
over
the
industrial
Supports Low Input Clock Amplitude Down to 200
temperature range (–40°C to 85°C).
mVPP
Device Information(1)
Package: 7.00 mm × 7.00 mm VQFN-48
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADS4128
VQFN(48)
7.00 mm × 7.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
ADS4128 Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ADS4128IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4128IRGZR TI-ADS4128IRGZR Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128IRGZR TI1-ADS4128IRGZR Datasheet
1Mb / 62P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
More results

Similar Description - ADS4128IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4128 TI1-ADS4128_14 Datasheet
1Mb / 62P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI-ADS4128 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4229 TI1-ADS4229_14 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229IRGC25 TI1-ADS4229IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
logo
Analog Devices
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
Texas Instruments
ADS42B49 TI1-ADS42B49 Datasheet
1Mb / 65P
[Old version datasheet]   250-MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
logo
Analog Devices
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com