Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5463-SP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463-SP
Description  Class V, 12-Bit, 500-MSPS Analog-to-Digital Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5463-SP Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS5463-SP Datasheet HTML 6Page - Texas Instruments ADS5463-SP Datasheet HTML 7Page - Texas Instruments ADS5463-SP Datasheet HTML 8Page - Texas Instruments ADS5463-SP Datasheet HTML 9Page - Texas Instruments ADS5463-SP Datasheet HTML 10Page - Texas Instruments ADS5463-SP Datasheet HTML 11Page - Texas Instruments ADS5463-SP Datasheet HTML 12Page - Texas Instruments ADS5463-SP Datasheet HTML 13Page - Texas Instruments ADS5463-SP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
ADS5463-SP
SGLS378F – MARCH 2008 – REVISED DECEMBER 2015
www.ti.com
Electrical Characteristics: ADS5463-RHA (continued)
Typical values at TC = 25°C, full temperature range is TC,MIN = –55°C to TC,MAX = 125°C, sampling rate = 500 MSPS, 50%
clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, –1 dBFS differential input, and 3 VPP differential clock
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIN = 10 MHz
63.5
fIN = 70 MHz
64
TC = 25°C
57.8
65.2
fIN = 100 MHz
TC = TC,MAX
57.8
TC = TC,MIN
57.8
TC = 25°C
55
64.1
fIN = 210 MHz
TC = TC,MAX
55
THD
Total harmonic distortion
TC = TC,MIN
55
dBc
TC = 25°C
51
63.8
fIN = 300 MHz
TC = TC,MAX
51
TC = TC,MIN
51
fIN = 450 MHz
63.7
fIN = 650 MHz
60.5
fIN = 900 MHz
53.9
fIN = 1.0 GHz
50.8
ENOB
Effective number of bits
TC = 25°C
9
10.1
fIN = 100 MHz
TC = TC,MAX
9
TC = TC,MIN
9
TC = 25°C
8.65
10
fIN = 210 MHz
TC = TC,MAX
8.65
Bits
TC = TC,MIN
8.65
TC = 25°C
8.05
9.9
fIN = 300 MHz
TC = TC,MAX
8.05
TC = TC,MIN
8.05
RMS idle-channel noise
Inputs tied to common-mode
0.7
LSB
LVDS DIGITAL OUTPUTS
VOD
Differential output voltage
247
350
454
mV
VOC
Common mode output
1.125
1.375
V
voltage
10
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: ADS5463-SP


Similar Part No. - ADS5463-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5463-SP TI-ADS5463-SP Datasheet
648Kb / 25P
[Old version datasheet]   CLASS V, 12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5463-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5463-SP TI-ADS5463-SP Datasheet
648Kb / 25P
[Old version datasheet]   CLASS V, 12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463-EP TI1-ADS5463-EP_14 Datasheet
1Mb / 32P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463 TI-ADS5463_08 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9434 AD-AD9434 Datasheet
1,012Kb / 28P
   12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
logo
Analog Devices
AD9484 AD-AD9484_17 Datasheet
628Kb / 25P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com