Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS4145IRGZT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4145IRGZT
Description  Ultra Low-Power ADC
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4145IRGZT Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS4145IRGZT Datasheet HTML 3Page - Texas Instruments ADS4145IRGZT Datasheet HTML 4Page - Texas Instruments ADS4145IRGZT Datasheet HTML 5Page - Texas Instruments ADS4145IRGZT Datasheet HTML 6Page - Texas Instruments ADS4145IRGZT Datasheet HTML 7Page - Texas Instruments ADS4145IRGZT Datasheet HTML 8Page - Texas Instruments ADS4145IRGZT Datasheet HTML 9Page - Texas Instruments ADS4145IRGZT Datasheet HTML 10Page - Texas Instruments ADS4145IRGZT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
7
ADS4122, ADS4125, ADS4142, ADS4145
www.ti.com
SBAS520B – FEBRUARY 2011 – REVISED JANUARY 2016
Product Folder Links: ADS4122 ADS4125 ADS4142 ADS4145
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
When AVDD is turned off, it is recommended to switch off the input clock (or ensure the voltage on CLKP, CLKM is less than |0.3 V|.
This prevents the ESD protection diodes at the clock input pins from turning on.
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range, unless otherwise noted.
(1)
MIN
MAX
UNIT
Supply voltage, AVDD
–0.3
2.1
V
Supply voltage, DRVDD
–0.3
2.1
V
Voltage between AGND and DRGND
–0.3
0.3
V
Voltage between AVDD to DRVDD (when AVDD leads DRVDD)
0
2.1
V
Voltage between DRVDD to AVDD (when DRVDD leads AVDD)
0
2.1
V
Voltage applied to input pins
INP, INM
–0.3
minimum (1.9, AVDD + 0.3)
V
CLKP, CLKM(2), DFS, OE
–0.3
AVDD + 0.3
V
RESET, SCLK, SDATA, SEN
–0.3
3.9
V
Operating free-air temperature, TA
–40
85
°C
Operating junction temperature, TJ
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
With 0dB gain. See the Gain section in the Application Information for relation between input voltage range and gain.
(2)
See Application Information.
7.3 Recommended Operating Conditions
Over operating free-air temperature range, unless otherwise noted.
MIN
NOM
MAX
UNIT
SUPPLIES
AVDD
Analog supply voltage
1.7
1.8
1.9
V
DRVDD
Digital supply voltage
1.7
1.8
1.9
V
ANALOG INPUTS
Differential input voltage range(1)
2
VPP
Input common-mode voltage
VCM ± 0.05
V
Maximum analog input frequency with 2-VPP input amplitude
(2)
400
MHz
Maximum analog input frequency with 1-VPP input amplitude
(2)
800
MHz
CLOCK INPUT
Input clock sample rate
ADS4122/ADS4142, low-speed mode enabled by
default
20
65
MSPS
ADS4125/ADS4145, low-speed mode enabled
20
80
ADS4125/ADS4145, low-speed mode disabled
>80
125
Input clock amplitude
differential (VCLKP
VCLKM)
Sine wave, ac-coupled
0.2
1.5
VPP
LVPECL, ac-coupled
1.6
LVDS, ac-coupled
0.7
LVCMOS, single-ended, ac-coupled
1.8
V


Similar Part No. - ADS4145IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4145IRGZT TI1-ADS4145IRGZT Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
More results

Similar Description - ADS4145IRGZT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19191 MAXIM-MAX19191 Datasheet
1Mb / 20P
   Ultra-Low-Power, 10Msps, 8-Bit ADC
Rev 0; 1/10
MAX1193 MAXIM-MAX1193 Datasheet
645Kb / 26P
   Ultra-Low-Power, 45Msps, Dual 8-Bit ADC
Rev 1; 9/03
MAX19192 MAXIM-MAX19192 Datasheet
1Mb / 22P
   Ultra-Low-Power, 10Msps, Dual 8-Bit ADC
Rev 0; 1/10
MAX1191 MAXIM-MAX1191 Datasheet
492Kb / 27P
   Ultra-Low-Power, 7.5Msps, Dual 8-Bit ADC
Rev 1; 9/03
MAX1192 MAXIM-MAX1192 Datasheet
620Kb / 28P
   Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
Rev 1; 9/03
logo
EM Microelectronic - MA...
EM6617 EMMICRO-EM6617 Datasheet
694Kb / 65P
   Ultra Low Power Microcontroller with ADC AND EEPROM
logo
Maxim Integrated Produc...
MAX1192 MAXIM-MAX1192_V01 Datasheet
419Kb / 27P
   Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
2009
logo
Analog Devices
ADA4938-1 AD-ADA4938-1_06 Datasheet
278Kb / 9P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrA
ADA4938-1 AD-ADA4938-1_07 Datasheet
298Kb / 14P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrD
logo
Texas Instruments
ADC3564 TI-ADC3564 Datasheet
4Mb / 72P
[Old version datasheet]   ADC3564 14-Bit, 125-MSPS, Low-Noise, Ultra-Low Power ADC
AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com