Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS4145IRGZT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4145IRGZT
Description  Ultra Low-Power ADC
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4145IRGZT Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS4145IRGZT Datasheet HTML 4Page - Texas Instruments ADS4145IRGZT Datasheet HTML 5Page - Texas Instruments ADS4145IRGZT Datasheet HTML 6Page - Texas Instruments ADS4145IRGZT Datasheet HTML 7Page - Texas Instruments ADS4145IRGZT Datasheet HTML 8Page - Texas Instruments ADS4145IRGZT Datasheet HTML 9Page - Texas Instruments ADS4145IRGZT Datasheet HTML 10Page - Texas Instruments ADS4145IRGZT Datasheet HTML 11Page - Texas Instruments ADS4145IRGZT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
8
ADS4122, ADS4125, ADS4142, ADS4145
SBAS520B – FEBRUARY 2011 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: ADS4122 ADS4125 ADS4142 ADS4145
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
Over operating free-air temperature range, unless otherwise noted.
MIN
NOM
MAX
UNIT
(3)
It is recommended to use these modes to obtain best performance. These modes can be set using the serial interface only.
(4)
See the Serial Interface section for details on register programming.
(5)
Note that these modes cannot be set when the serial interface is not used (when the RESET pin is tied high); see the Device
Configuration section.
Input clock duty cycle
Low-speed enabled
40%
50%
60%
Low-speed disabled
35%
50%
65%
DIGITAL OUTPUTS
CLOAD
Maximum external load capacitance from each output pin to DRGND
5
pF
RLOAD
Differential load resistance between the LVDS output pairs (LVDS mode)
100
Ω
TA
Operating free-air temperature
–40
85
°C
HIGH PERFORMANCE MODES(3)(4)(5)
Mode 1
Set the MODE 1 register bits to get best performance across sample clock and
input signal frequencies.
Register address = 03h, register data = 03h
Mode 2
Set the MODE 2 register bit to get best performance at high input signal
frequencies greater than 230 MHz.
Register address = 4Ah, register data = 01h
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
ADS412x
ADS414x
UNIT
RGZ (VQFN)
48 PIN
RθJA
Junction-to-ambient thermal resistance
29
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
N/A
°C/W
RθJB
Junction-to-board thermal resistance
10
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
9
°C/W
RθJCbot
Junction-to-case (bottom) thermal resistance
1.1
°C/W
7.5 Electrical Characteristics: ADS412x
Typical values are at 25°C, AVDD = 1.8 V, DRVDD = 1.8 V, 50% clock duty cycle, –1dBFS differential analog input, 0dB gain,
and DDR LVDS interface, unless otherwise noted. Minimum and maximum values are across the full temperature range: TMIN
= –40°C to TMAX = 85°C, AVDD = 1.8 V, and DRVDD = 1.8 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
12
Bits
SNR (signal-to-noise ratio), LVDS
fIN = 10 MHz
ADS4122 (65MSPS)
71.1
dBFS
ADS4125 (125MSPS)
71
fIN = 70 MHz
ADS4122 (65MSPS)
70.9
dBFS
ADS4125 (125MSPS)
70.8
fIN = 100 MHz
ADS4122 (65MSPS)
70.7
dBFS
ADS4125 (125MSPS)
70.6
fIN = 170 MHz
ADS4122 (65MSPS)
67
70.2
dBFS
ADS4125 (125MSPS)
68
70.1
fIN = 300 MHz
ADS4122 (65MSPS)
68.8
dBFS
ADS4125 (125MSPS)
69.6


Similar Part No. - ADS4145IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4145IRGZT TI1-ADS4145IRGZT Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
More results

Similar Description - ADS4145IRGZT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19191 MAXIM-MAX19191 Datasheet
1Mb / 20P
   Ultra-Low-Power, 10Msps, 8-Bit ADC
Rev 0; 1/10
MAX1193 MAXIM-MAX1193 Datasheet
645Kb / 26P
   Ultra-Low-Power, 45Msps, Dual 8-Bit ADC
Rev 1; 9/03
MAX19192 MAXIM-MAX19192 Datasheet
1Mb / 22P
   Ultra-Low-Power, 10Msps, Dual 8-Bit ADC
Rev 0; 1/10
MAX1191 MAXIM-MAX1191 Datasheet
492Kb / 27P
   Ultra-Low-Power, 7.5Msps, Dual 8-Bit ADC
Rev 1; 9/03
MAX1192 MAXIM-MAX1192 Datasheet
620Kb / 28P
   Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
Rev 1; 9/03
logo
EM Microelectronic - MA...
EM6617 EMMICRO-EM6617 Datasheet
694Kb / 65P
   Ultra Low Power Microcontroller with ADC AND EEPROM
logo
Maxim Integrated Produc...
MAX1192 MAXIM-MAX1192_V01 Datasheet
419Kb / 27P
   Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
2009
logo
Analog Devices
ADA4938-1 AD-ADA4938-1_06 Datasheet
278Kb / 9P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrA
ADA4938-1 AD-ADA4938-1_07 Datasheet
298Kb / 14P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrD
logo
Texas Instruments
ADC3564 TI-ADC3564 Datasheet
4Mb / 72P
[Old version datasheet]   ADC3564 14-Bit, 125-MSPS, Low-Noise, Ultra-Low Power ADC
AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com