Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8528SPMR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8528SPMR
Description  16-Bit, 8-Channel, Simultaneous Sampling ADCs
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8528SPMR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS8528SPMR Datasheet HTML 5Page - Texas Instruments ADS8528SPMR Datasheet HTML 6Page - Texas Instruments ADS8528SPMR Datasheet HTML 7Page - Texas Instruments ADS8528SPMR Datasheet HTML 8Page - Texas Instruments ADS8528SPMR Datasheet HTML 9Page - Texas Instruments ADS8528SPMR Datasheet HTML 10Page - Texas Instruments ADS8528SPMR Datasheet HTML 11Page - Texas Instruments ADS8528SPMR Datasheet HTML 12Page - Texas Instruments ADS8528SPMR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
9
ADS8528, ADS8548, ADS8568
www.ti.com
SBAS543C – AUGUST 2011 – REVISED FEBRUARY 2016
Product Folder Links: ADS8528 ADS8548 ADS8568
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
HVDD to AGND
–0.3
18
V
HVSS to AGND
–18
0.3
AVDD to AGND
–0.3
6
DVDD to DGND
–0.3
6
Analog input voltage
HVSS – 0.3
HVDD + 0.3
V
Reference input voltage with respect to AGND
AGND – 0.3
AVDD + 0.3
V
Digital input voltage with respect to DGND
DGND – 0.3
DVDD + 0.3
V
Ground voltage difference AGND to DGND
±0.3
V
Input current to all pins except supply
±10
mA
Maximum virtual junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
AVDD
Analog supply voltage
4.5
5.0
5.5
V
DVDD
Buffer I/O supply voltage
2.7
3.3
5.5
V
HVDD
Input positive supply voltage
5.0
15.0
16.5
V
HVSS
Input negative supply voltage
–16.5
–15.0
–5.0
V
TA
Operating ambient temperature range
–40
25
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
ADS85x8
UNIT
RGC (VQFN)
PM (LQFP)
64 PINS
64 PINS
RθJA
Junction-to-ambient thermal resistance
22
48.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
9.0
9.4
°C/W
RθJB
Junction-to-board thermal resistance
3.6
21.9
°C/W
ψJT
Junction-to-top characterization parameter
0.1
0.3
°C/W
ψJB
Junction-to-board characterization parameter
2.9
21.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.3
n/a
°C/W


Similar Part No. - ADS8528SPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8528SPMR TI1-ADS8528SPMR Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8528SPMR TI1-ADS8528SPMR Datasheet
1Mb / 52P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - ADS8528SPMR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com