Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8528SRGCR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8528SRGCR
Description  16-Bit, 8-Channel, Simultaneous Sampling ADCs
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8528SRGCR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS8528SRGCR Datasheet HTML 7Page - Texas Instruments ADS8528SRGCR Datasheet HTML 8Page - Texas Instruments ADS8528SRGCR Datasheet HTML 9Page - Texas Instruments ADS8528SRGCR Datasheet HTML 10Page - Texas Instruments ADS8528SRGCR Datasheet HTML 11Page - Texas Instruments ADS8528SRGCR Datasheet HTML 12Page - Texas Instruments ADS8528SRGCR Datasheet HTML 13Page - Texas Instruments ADS8528SRGCR Datasheet HTML 14Page - Texas Instruments ADS8528SRGCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
11
ADS8528, ADS8548, ADS8568
www.ti.com
SBAS543C – AUGUST 2011 – REVISED FEBRUARY 2016
Product Folder Links: ADS8528 ADS8548 ADS8568
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Electrical Characteristics: General (continued)
All minimum and maximum specifications are at TA = –40°C to +125°C, specified supply voltage range, VREF = 2.5 V
(internal), VIN = ±10 V, and fDATA = max, unless otherwise noted. Typical values are at TA = 25°C, HVDD = 15 V, HVSS =
–15 V, AVDD = 5 V, and DVDD = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER-SUPPLY REQUIREMENTS
AVDD
Analog supply voltage
4.5
5.0
5.5
V
DVDD
Buffer I/O supply voltage
2.7
3.3
5.5
V
HVDD
Input positive supply voltage
5.0
15.0
16.5
V
HVSS
Input negative supply voltage
–16.5
–15.0
–5.0
V
IAVDD
Analog supply current
ADS8528, fDATA = maximum
37.9
50.1
mA
ADS8548, fDATA = maximum
37.3
49.3
ADS8568, fDATA = maximum
36.6
48.4
fDATA = 250 kSPS, auto-sleep mode
20.3
30.0
fDATA = 200 kSPS, auto-sleep mode
17
fDATA = 10 kSPS, normal operation
30
fDATA = 10 kSPS, auto-sleep mode
4.6
Auto-sleep mode, no ongoing conversion,
internal conversion clock
7.0
Power-down mode
0.03
IDVDD
Buffer I/O supply current
fDATA = maximum
0.5
2.0
mA
fDATA = 250 kSPS
0.5
1.4
fDATA = 200 kSPS
0.5
fDATA = 10 kSPS
0.4
Auto-sleep mode, no ongoing conversion,
internal conversion clock
0.35
Power-down mode
0.01
IHVDD
Input positive supply current
ADS8528, fDATA = maximum
3.0
4.2
mA
ADS8548, fDATA = maximum
2.8
3.9
ADS8568, fDATA = maximum
2.3
3.2
fDATA = 250 kSPS
1.8
2.4
fDATA = 200 kSPS
1.5
fDATA = 10 kSPS
0.4
Auto-sleep mode, no ongoing conversion,
internal conversion clock
0.45
Power-down mode
0.01


Similar Part No. - ADS8528SRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8528SRGCR TI1-ADS8528SRGCR Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8528SRGCR TI1-ADS8528SRGCR Datasheet
1Mb / 52P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - ADS8528SRGCR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com