Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8528SRGCT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8528SRGCT
Description  16-Bit, 8-Channel, Simultaneous Sampling ADCs
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8528SRGCT Datasheet(HTML) 1 Page - Texas Instruments

  ADS8528SRGCT Datasheet HTML 1Page - Texas Instruments ADS8528SRGCT Datasheet HTML 2Page - Texas Instruments ADS8528SRGCT Datasheet HTML 3Page - Texas Instruments ADS8528SRGCT Datasheet HTML 4Page - Texas Instruments ADS8528SRGCT Datasheet HTML 5Page - Texas Instruments ADS8528SRGCT Datasheet HTML 6Page - Texas Instruments ADS8528SRGCT Datasheet HTML 7Page - Texas Instruments ADS8528SRGCT Datasheet HTML 8Page - Texas Instruments ADS8528SRGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
70
72
74
76
78
80
82
84
86
88
90
92
94
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
ADS8568
ADS8548
ADS8528
G016
SAR ADC
Control
Logic
Config
Register
I/O
SAR ADC
SAR ADC
SAR ADC
SAR ADC
SAR ADC
SAR ADC
SAR ADC
String DAC
CH_A0
CH_A1
CH_B0
CH_B1
CH_C0
CH_C1
CH_D0
CH_D1
REFIO
Parallel
or Serial
Data Bus
Control
Signal
Bus
Clock
Generator
2.5-V, 3-V
Reference
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ADS8528, ADS8548, ADS8568
SBAS543C – AUGUST 2011 – REVISED FEBRUARY 2016
ADS85x8 12-, 14-, and 16-Bit, 8-Channel, Simultaneous Sampling ADCs
1
1 Features
1
Family of 12-, 14-, and 16-Bit, Pin- and Software-
Compatible ADCs
Maximum Data Rate per Channel:
ADS8528: 650 kSPS (PAR) or
480 kSPS (SER)
ADS8548: 600 kSPS (PAR) or
450 kSPS (SER)
ADS8568: 510 kSPS (PAR) or
400 kSPS (SER)
Excellent AC Performance:
Signal-to-Noise Ratio:
ADS8528: 73.9 dB, ADS8548: 85 dB,
ADS8568: 91.5 dB
Total Harmonic Distortion:
ADS8528: –89 dB, ADS8548: –91 dB,
ADS8568: –94 dB
Programmable, Buffered Internal Reference:
0.5 V–2.5 V or 0.5 V–3.0 V Supports Input
Voltage Ranges up to ±12 V
Selectable Parallel or Serial Interface
Scalable Low-Power Operation Using Auto-Sleep
Mode: Only 32 mW at 10 kSPS
Fully Specified Over Extended Industrial
Temperature Range
2 Applications
Protection Relays
Power Quality Measurement
Multi-Axis Motor Controls
Programmable Logic Controllers
Industrial Data Acquisition
SNR vs Temperature
3 Description
The ADS85x8 contain eight low-power, 12-, 14-, or
16-bit, successive approximation register (SAR)-
based analog-to-digital converters (ADCs) with true
bipolar inputs. These channels are grouped in four
pairs, thus allowing simultaneous high-speed signal
acquisition of up to 650 kSPS.
The devices support selectable parallel or serial
interface
with
daisy-chain
capability.
The
programmable reference allows handling of analog
input signals with amplitudes up to ±12 V.
The ADS85x8 family supports an auto-sleep mode for
minimum power dissipation and is available in both
64-pin VQFN and LQFP packages. The entire family
is specified over a temperature range of –40°C to
+125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADS85x8
VQFN (64)
9.00 mm × 9.00 mm
LQFP (64)
10.00 mm × 10.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Block Diagram


Similar Part No. - ADS8528SRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8528SRGCT TI1-ADS8528SRGCT Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8528SRGCT TI1-ADS8528SRGCT Datasheet
1Mb / 52P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - ADS8528SRGCT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com