Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8556IPMR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8556IPMR
Description  12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8556IPMR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS8556IPMR Datasheet HTML 6Page - Texas Instruments ADS8556IPMR Datasheet HTML 7Page - Texas Instruments ADS8556IPMR Datasheet HTML 8Page - Texas Instruments ADS8556IPMR Datasheet HTML 9Page - Texas Instruments ADS8556IPMR Datasheet HTML 10Page - Texas Instruments ADS8556IPMR Datasheet HTML 11Page - Texas Instruments ADS8556IPMR Datasheet HTML 12Page - Texas Instruments ADS8556IPMR Datasheet HTML 13Page - Texas Instruments ADS8556IPMR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
10
ADS8556, ADS8557, ADS8558
SBAS404D – OCTOBER 2006 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: ADS8556 ADS8557 ADS8558
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Electrical Characteristics: General (continued)
over recommended operating free-air temperature range of –40°C to 125°C, AVDD = 4.5 V to 5.5 V, BVDD = 2.7 V to 5.5 V,
HVDD = 10 V to 15 V, HVSS = –15 V to –10 V, VREF = 2.5 V (internal), and fDATA = maximum (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
(4)
At AVDD = 5 V.
(5)
At BVDD = 3 V, parallel mode, load capacitance = 6 pF per pin.
(6)
At HVDD = 15 V.
(7)
At HVSS = –15 V.
(8)
At AVDD = 5 V, BVDD = 3 V, HVDD = 15 V, and HVSS = –15 V.
POWER-SUPPLY REQUIREMENTS
AVDD
Analog supply voltage
4.5
5
5.5
V
BVDD
Buffer I/O supply voltage
2.7
3
5.5
V
HVDD
Input positive supply voltage
5
10
16.5
V
HVSS
Input negative supply voltage
–16.5
–10
–5
V
IAVDD
Analog supply current(4)
fDATA = maximum
30
36
mA
ADS8556, fDATA = 250 kSPS (auto-NAP mode)
14
16.5
ADS8557, fDATA = 250 kSPS (auto-NAP mode)
14
17
ADS8558, fDATA = 250 kSPS (auto-NAP mode)
14
18
Auto-NAP mode, no ongoing conversion, internal
conversion clock
4
6
Power-down mode
0.1
50
μA
IBVDD
Buffer I/O supply current(5)
fDATA = maximum
0.9
2
mA
fDATA = 250 kSPS (auto-NAP mode)
0.5
1.5
Auto-NAP mode, no ongoing conversion, internal
conversion clock
0.1
10
μA
Power-down mode
0.1
10
IHVDD
Input positive supply current(6)
ADS8556, fDATA = maximum
3
3.5
mA
ADS8557, fDATA = maximum
3.1
3.6
ADS8558, fDATA = maximum
3.3
4
fDATA = 250 kSPS (auto-NAP mode)
1.6
2
Auto-NAP mode, no ongoing conversion, internal
conversion clock
0.2
0.3
μA
Power-down mode
0.1
10
IHVSS
Input negative supply current(7)
ADS8556, fDATA = maximum
3.6
4
mA
ADS8557, fDATA = maximum
3.6
4.2
ADS8558, fDATA = maximum
4
4.8
fDATA = 250 kSPS (auto-NAP mode)
1.8
2.2
Auto-NAP mode, no ongoing conversion, internal
conversion clock
0.2
0.25
μA
Power-down mode
0.1
10
Power dissipation(8)
ADS8556, fDATA = maximum
251.7
298.5
mW
ADS8557, fDATA = maximum
253.2
303
ADS8558, fDATA = maximum
262.2
318
ADS8556, fDATA = 250 kSPS (auto-NAP mode)
122.5
150
ADS8557, fDATA = 250 kSPS (auto-NAP mode)
122.5
152.5
ADS8558, fDATA = 250 kSPS (auto-NAP mode)
122.5
157.5
Auto-NAP mode, no ongoing conversion, internal
conversion clock
26
38.3
Power-down mode
3.8
580
μW


Similar Part No. - ADS8556IPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8556IPMR TI-ADS8556IPMR Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - ADS8556IPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8555 TI1-ADS8555_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com