Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8557IPMR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8557IPMR
Description  12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8557IPMR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS8557IPMR Datasheet HTML 7Page - Texas Instruments ADS8557IPMR Datasheet HTML 8Page - Texas Instruments ADS8557IPMR Datasheet HTML 9Page - Texas Instruments ADS8557IPMR Datasheet HTML 10Page - Texas Instruments ADS8557IPMR Datasheet HTML 11Page - Texas Instruments ADS8557IPMR Datasheet HTML 12Page - Texas Instruments ADS8557IPMR Datasheet HTML 13Page - Texas Instruments ADS8557IPMR Datasheet HTML 14Page - Texas Instruments ADS8557IPMR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
11
ADS8556, ADS8557, ADS8558
www.ti.com
SBAS404D – OCTOBER 2006 – REVISED FEBRUARY 2016
Product Folder Links: ADS8556 ADS8557 ADS8558
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
All values are at TA = 25°C.
(2)
Calculated on the first nine harmonics of the input frequency.
6.6 Electrical Characteristics: ADS8556
over recommended operating free-air temperature range of –40°C to 125°C, AVDD = 4.5 V to 5 V, BVDD = 2.7 V to 5.5 V,
HVDD = 10 V to 15 V, HVSS = –15 V to –10 V, VREF = 2.5 V (internal), and fDATA = 630 kSPS in parallel mode or 450 kSPS in
serial mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
DC ACCURACY
Resolution
16
Bits
No missing codes
16
Bits
INL
Integral linearity error
At TA = –40°C to 85°C
–3
±1.5
3
LSB
At TA = –40°C to 125°C
–4
±1.5
4
DNL
Differential linearity error
At TA = –40°C to 85°C
–1
±0.75
1.5
LSB
At TA = –40°C to 125°C
–1
±0.75
2
Offset error
–4
±0.8
4
mV
Offset error drift
±3.5
μV/°C
Gain error
Referenced to voltage at REFIO
–0.75
±0.25
0.75
%FSR
Gain error drift
Referenced to voltage at REFIO
±6
ppm/°C
PSRR
Power-supply rejection ratio
At output code FFFFh, related to AVDD
60
dB
SAMPLING DYNAMICS
tACQ
Acquisition time
280
ns
tCONV
Conversion time per ADC
1.26
μs
tCCLK
Internal conversion clock period
18.5
tCCLK
68.0
ns
fDATA
Throughput rate
Parallel interface, internal clock and reference
630
kSPS
Serial interface, internal clock and reference
450
AC ACCURACY
SNR
Signal-to-noise ratio
At fIN = 10 kHz, TA = –40°C to 85°C
90
91.5
dB
At fIN = 10 kHz, TA = –40°C to 125°C
89
91.5
SINAD
Signal-to-noise ratio + distortion
At fIN = 10 kHz, TA = –40°C to 85°C
87
89.5
dB
At fIN = 10 kHz, TA = –40°C to 125°C
86.5
89.5
THD
Total harmonic distortion(2)
At fIN = 10 kHz, TA = –40°C to 85°C
–94
–90
dB
At fIN = 10 kHz, TA = –40°C to 125°C
–94
–89.5
SFDR
Spurious-free dynamic range
At fIN = 10 kHz, TA = –40°C to 85°C
90
95
dB
At fIN = 10 kHz, TA = –40°C to 125°C
89.5
95
Channel-to-channel isolation
At fIN = 10 kHz
100
dB
–3-dB small-signal bandwidth
In 4 × VREF mode
48
MHz
In 2 × VREF mode
24


Similar Part No. - ADS8557IPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8557IPMR TI-ADS8557IPMR Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - ADS8557IPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8555 TI1-ADS8555_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com