Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS9110IRGET Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS9110IRGET
Description  18-Bit, 2-MSPS, 15-mW, SAR ADC
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS9110IRGET Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS9110IRGET Datasheet HTML 3Page - Texas Instruments ADS9110IRGET Datasheet HTML 4Page - Texas Instruments ADS9110IRGET Datasheet HTML 5Page - Texas Instruments ADS9110IRGET Datasheet HTML 6Page - Texas Instruments ADS9110IRGET Datasheet HTML 7Page - Texas Instruments ADS9110IRGET Datasheet HTML 8Page - Texas Instruments ADS9110IRGET Datasheet HTML 9Page - Texas Instruments ADS9110IRGET Datasheet HTML 10Page - Texas Instruments ADS9110IRGET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
ADS9110
www.ti.com
SBAS629A – OCTOBER 2015 – REVISED OCTOBER 2015
6.6 Timing Requirements: Conversion Cycle
All specifications are for AVDD = 1.8 V, DVDD = 1.8 V, VREF = 5 V, and fDATA = 2 MSPS, unless otherwise noted.
All minimum and maximum specifications are for TA = –40°C to +85°C. All typical values are at TA = 25°C. See Figure 1.
MIN
TYP
MAX
UNIT
TIMING REQUIREMENTS
fcycle
Sampling frequency
2
MHz
tcycle
ADC cycle time period
500
ns
twh_CONVST
Pulse duration: CONVST high
30
ns
twl_CONVST
Pulse duration: CONVST low
30
ns
tacq
Acquisition time
150
ns
tqt_acq
Quiet acquisition time(1)
25
ns
td_cnvcap
Quiet aperture time(1)
10
ns
TIMING SPECIFICATIONS
tconv
Conversion time
300
340
ns
(1)
See Figure 48.
6.7 Timing Requirements: Asynchronous Reset, NAP, and PD
All specifications are for AVDD = 1.8 V, DVDD = 1.8 V, VREF = 5 V, and fDATA = 2 MSPS, unless otherwise noted.
All minimum and maximum specifications are for TA = –40°C to +85°C. All typical values are at TA = 25°C. See Figure 2 and
Figure 3.
MIN
TYP
MAX
UNIT
TIMING REQUIREMENTS
twl_RST
Pulse duration: RST low
100
ns
TIMING SPECIFICATIONS
td_rst
Delay time: RST rising to RVS rising
1250
µs
tnap_wkup
Wake-up time: NAP mode
300
ns
tPWRUP
Power-up time: PD mode
250
µs
6.8 Timing Requirements: SPI-Compatible Serial Interface
All specifications are for AVDD = 1.8 V, DVDD = 1.8 V, VREF = 5 V, and fDATA = 2 MSPS, unless otherwise noted.
All minimum and maximum specifications are for TA = –40°C to +85°C. All typical values are at TA = 25°C. See Figure 4.
MIN
TYP
MAX
UNIT
TIMING REQUIREMENTS
fCLK
Serial clock frequency
75
MHz
tCLK
Serial clock time period
13.33
ns
tph_CK
SCLK high time
0.45
0.55
tCLK
tpl_CK
SCLK low time
0.45
0.55
tCLK
tsu_CSCK
Setup time: CS falling to the first SCLK capture edge
5
ns
tsu_CKDI
Setup time: SDI data valid to the SCLK capture edge
1.2
ns
tht_CKDI
Hold time: SCLK capture edge to (previous) data valid on SDI
0.65
ns
tht_CKCS
Delay time: last SCLK falling to CS rising
5
ns
TIMING SPECIFICATIONS
tden_CSDO
Delay time: CS falling to data enable
4.5
ns
tdz_CSDO
Delay time: CS rising to SDO going to 3-state
10
ns
td_CKDO
Delay time: SCLK launch edge to (next) data valid on SDO
6.5
ns
td_CSRDY_f
Delay time: CS falling to RVS falling
5
ns
After NOP operation
10
Delay time:
td_CSRDY_r
ns
CS rising to RVS rising
After WR or RD operation
70
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS9110


Similar Part No. - ADS9110IRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS9110 TI1-ADS9110 Datasheet
2Mb / 70P
[Old version datasheet]   Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
More results

Similar Description - ADS9110IRGET

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7641 AD-AD7641_15 Datasheet
673Kb / 28P
   18-Bit, 2 MSPS SAR ADC
REV. 0
AD7641 AD-AD7641_17 Datasheet
542Kb / 29P
   18-Bit, 2 MSPS SAR ADC
AD4003 AD-AD4003 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
AD7986BCPZ AD-AD7986BCPZ Datasheet
472Kb / 28P
   18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
logo
Texas Instruments
ADS9120 TI1-ADS9120 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
logo
Analog Devices
AD4030-24 AD-AD4030-24 Datasheet
2Mb / 48P
   24-Bit, 2 MSPS, SAR ADC
Rev. 0
AD4001 AD-AD4001 Datasheet
926Kb / 34P
   16-Bit, 2 MSPS, Precision SAR, Differential ADC
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD4630-24 AD-AD4630-24 Datasheet
2Mb / 49P
   24-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com