Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8811IBDGKTG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8811IBDGKTG4
Description  16-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8811IBDGKTG4 Datasheet(HTML) 1 Page - Texas Instruments

  DAC8811IBDGKTG4 Datasheet HTML 1Page - Texas Instruments DAC8811IBDGKTG4 Datasheet HTML 2Page - Texas Instruments DAC8811IBDGKTG4 Datasheet HTML 3Page - Texas Instruments DAC8811IBDGKTG4 Datasheet HTML 4Page - Texas Instruments DAC8811IBDGKTG4 Datasheet HTML 5Page - Texas Instruments DAC8811IBDGKTG4 Datasheet HTML 6Page - Texas Instruments DAC8811IBDGKTG4 Datasheet HTML 7Page - Texas Instruments DAC8811IBDGKTG4 Datasheet HTML 8Page - Texas Instruments DAC8811IBDGKTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
D/A
Converter
Power-On
Reset
DAC
Register
Shift
Register
16
16
RFB
IOUT
GND
VDD
VREF
CS
CLK
SDI
DAC8811
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DAC8811
SLAS411D – NOVEMBER 2004 – REVISED FEBRUARY 2016
DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
1
1
Features
1
±0.5 LSB DNL
16-Bit Monotonic
±1 LSB INL
Low Noise: 12 nV/
√Hz
Low Power: IDD = 2 µA
2.7-V to 5.5-V Analog Power Supply
2-mA Full-Scale Current ±20%,
with VREF = 10 V
50-MHz Serial Interface
0.5-
μs Settling Time
4-Quadrant Multiplying Reference
Reference Bandwidth: 10 MHz
±10-V Reference Input
Reference Dynamics: –105 THD
Tiny 8-Lead 3 × 3 mm VSON and 3 × 5 mm
VSSOP Packages
Industry-Standard Pin Configuration
2
Applications
Automatic Test Equipment
Instrumentation
Digitally Controlled Calibration
Industrial Control PLCs
3
Description
The DAC8811 multiplying digital-to-analog converter
(DAC) is designed to operate from a single 2.7-V to
5.5-V supply.
The applied external reference input voltage VREF
determines the full-scale output current. An internal
feedback resistor (RFB) provides temperature tracking
for the full-scale output when combined with an
external I-to-V precision amplifier.
A serial data interface offers high-speed, three-wire
microcontroller-compatible inputs using data-in (SDI),
clock (CLK), and chip-select (CS).
On power-up, the DAC register is filled with zeroes,
and the DAC output is at zero scale.
The DAC8811 is packaged in space-saving 8-lead
VSON and VSSOP packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DAC8811
VSSOP (8)
3.00 mm × 3.00 mm
VSON (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Similar Part No. - DAC8811IBDGKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8811IBDGKT TI1-DAC8811IBDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8811IBDGKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com