Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC3439CZEZ Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3439CZEZ
Description  Display Controller
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3439CZEZ Datasheet(HTML) 9 Page - Texas Instruments

Back Button DLPC3439CZEZ Datasheet HTML 5Page - Texas Instruments DLPC3439CZEZ Datasheet HTML 6Page - Texas Instruments DLPC3439CZEZ Datasheet HTML 7Page - Texas Instruments DLPC3439CZEZ Datasheet HTML 8Page - Texas Instruments DLPC3439CZEZ Datasheet HTML 9Page - Texas Instruments DLPC3439CZEZ Datasheet HTML 10Page - Texas Instruments DLPC3439CZEZ Datasheet HTML 11Page - Texas Instruments DLPC3439CZEZ Datasheet HTML 12Page - Texas Instruments DLPC3439CZEZ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
9
DLPC3439
www.ti.com
DLPS057B – NOVEMBER 2014 – REVISED JANUARY 2016
Product Folder Links: DLPC3439
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
External pullup resistor must be 8 k
Ω or less.
(2)
For more information about usage, see HOST_IRQ Usage Model.
Pin Functions – Peripheral Interface(1)
PIN
I/O
DESCRIPTION
NAME
NUMBER
CMP_OUT
A12
I6
Successive approximation ADC comparator output (DLPC3439 Input). Assumes a successive
approximation ADC is implemented with a WPC light sensor and/or a thermistor feeding one input of
an external comparator and the other side of the comparator is driven from the ASIC’s CMP_PWM pin.
Should be pulled-down to ground if this function is not used. (hysteresis buffer)
CMP_PWM
A15
O1
Successive approximation comparator pulse-duration modulation (output). Supplies a PWM signal to
drive the successive approximation ADC comparator used in WPC light-to-voltage sensor applications.
Should be left unconnected if this function is not used.
HOST_IRQ(2)
N8
O9
Host interrupt (output)
This signal has two primary uses. The first use is to indicate when DLPC3439 auto-initialization is in
progress and most importantly when it completes. The second is to indicate when service is requested
(that is an interrupt request).
The DLPC3439 tri-states this output during reset and assumes that an external pullup is in place to
drive this signal to its inactive state.
IIC0_SCL
N10
B7
I2C slave (port 0) SCL (bidirectional, open-drain signal with input hysteresis): An external pullup is
required. The slave I2C I/Os are 3.6-V tolerant (high-volt-input tolerant) and are powered by VCC_INTF
(which can be 1.8, 2.5, or 3.3 V). External I2C pullups must be connected to an equal or higher supply
voltage, up to a maximum of 3.6 V (a lower pullup supply voltage would not likely satisfy the VIH
specification of the slave I2C input buffers).
IIC1_SCL
R11
B8
I2C master (Port 1) SCL. (bidirectional, open-drain signal with input hysteresis): An external pull-up is
required. The Master I2C I/Os are 3.6-V tolerant (High-volt-input tolerant) but are powered by the fixed
1.8V VCC18 supply. Thus even though its supply is fixed at 1.8V, the external I2C pull-ups can be
connected to 1.8-V, 2.5-V, or 3.3-V supplies; However this is only valid if the external Slave I2C device
satisfies the DLPC3439 VIH input requirement at the fixed 1.8-V level. VIH is specified at 1.17 V, thus
assuming VCC18 = 1.64 V, VIH = 0.486 V.
IIC1_SDA
R10
B8
I2C Master (Port 1) SDA. (bidirectional, open-drain signal with input hysteresis): An external pull-up is
required. The Master I2C I/Os are 3.6V tolerant (High-volt-input tolerant) but are powered by the fixed
1.8-V VCC18 supply. Thus even though its supply is fixed at 1.8 V, the external I2C pull-ups can be
connected to 1.8-V, 2.5-V, or 3.3-V supplies; However this is only valid if the external Slave I2C device
satisfies the DLPC3439 VIH input requirement at the fixed 1.8-V level. VIH is specified at 1.17 V, thus
assuming VCC18 = 1.64 V, VIH = 0.486 V.
Reserved
R11
B8
TI internal use. TI recommends an external pullup resistor.
IIC0_SDA
N9
B7
I2C slave (port 0) SDA. (bidirectional, open-drain signal with input hysteresis): An external pullup is
required. The slave I2C port is the control port of ASIC. The slave I2C I/Os are 3.6-V tolerant (high-volt-
input tolerant) and are powered by VCC_INTF (which can be 1.8, 2.5, or 3.3 V). External I2C pullups
must be connected to an equal or higher supply voltage, up to a maximum of 3.6 V (a lower pullup
supply voltage would not likely satisfy the VIH specification of the slave I2C input buffers).
Reserved
R10
B8
TI internal use. TI recommends an external pullup resistor.
LED_SEL_0
B15
O1
LED enable select. Controlled by programmable DMD sequence
Timing
LED_SEL(1:0)
00
01
10
11
Enabled LED
DLPA3000/DLPA3005 application
None
Red
Green
Blue
LED_SEL_1
B14
O1
These signals will be driven low when RESETZ is asserted and the corresponding I/O power is
supplied. They will continue to be driven low throughout the auto-initialization process. A weak,
external pulldown resistor is still recommended to ensure that the LEDs are disabled when I/O power is
not applied.
SPI0_CLK
A13
O13
Synchronous serial port 0, clock
SPI0_CSZ0
A14
O13
SPI port 1, chip select 0 (active low output)
TI recommends an external pullup resistor to avoid floating inputs to the external SPI device during
ASIC reset assertion.
SPI0_CSZ1
C12
O13
SPI port 1, chip select 1 (active low output)
TI recommends an external pullup resistor to avoid floating inputs to the external SPI device during
ASIC reset assertion.
SPI0_DIN
B12
I12
Synchronous serial port 0, receive data in
SPI0_DOUT
B13
O13
Synchronous serial port 0, transmit data out


Similar Part No. - DLPC3439CZEZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC3439 TI1-DLPC3439 Datasheet
846Kb / 39P
[Old version datasheet]   0.47 1080p DMD
More results

Similar Description - DLPC3439CZEZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC3436 TI1-DLPC3436 Datasheet
170Kb / 8P
[Old version datasheet]   Display Controller
DLPC3437 TI1-DLPC3437 Datasheet
374Kb / 9P
[Old version datasheet]   Display Controller
DLPC3432 TI1-DLPC3432 Datasheet
2Mb / 60P
[Old version datasheet]   Display Controller
logo
Epson Company
S1D13513 EPSON-S1D13513 Datasheet
116Kb / 2P
   Display Controller
logo
Texas Instruments
DLPC3433 TI1-DLPC3433 Datasheet
1Mb / 62P
[Old version datasheet]   Display Controller
DLPC3430 TI1-DLPC3430 Datasheet
1Mb / 59P
[Old version datasheet]   Display Controller
logo
Fujitsu Component Limit...
MB88F322 FUJITSU-MB88F322 Datasheet
1Mb / 2P
   Graphics Display Controller
logo
Renesas Technology Corp
TW8832 RENESAS-TW8832 Datasheet
154Kb / 3P
   TFT Display Controller
logo
Grayhill, Inc
3J0005-200N GRAYHILL-3J0005-200N Datasheet
1Mb / 2P
   Vehicle Display Controller
logo
Renesas Technology Corp
TW8831 RENESAS-TW8831 Datasheet
119Kb / 2P
   TFT Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com