Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC555QDRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555QDRQ1
Description  LinCMOS TIMER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC555QDRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC555QDRQ1 Datasheet HTML 2Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 3Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 4Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 5Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 6Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 7Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 8Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 9Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TLC555-Q1
SLFS078B – OCTOBER 2006 – REVISED OCTOBER 2015
www.ti.com
7.6 Electrical Characteristics: VDD = 15 V
VDD = 15 V, at specified free-air temperature (unless otherwise noted)
TEST
PARAMETER
TA
(1)
MIN
TYP
MAX
UNIT
CONDITIONS
25°C
9.45
10
10.55
VIT
Threshold voltage
V
Full range
9.35
10.65
25°C
10
IIT
Threshold current
pA
Full range
5000
25°C
4.65
5
5.35
VI(TRIG)
Trigger voltage
V
Full range
4.55
5.45
25°C
10
II(TRIG)
Trigger current
pA
Full range
5000
25°C
0.4
1.1
1.5
VI(RESET)
Reset voltage
V
Full range
0.3
1.8
25°C
10
II(RESET)
Reset current
pA
Full range
5000
Control voltage (open-circuit) as
Full range
66.7%
a percentage of supply voltage
25°C
0.77
1.7
Discharge-switch on-state
IOL = 100 mA
V
voltage
Full range
1.8
25°C
0.1
Discharge switch off-state
nA
current
Full range
120
25°C
12.5
14.2
IOH = –10 mA
Full range
12.5
25°C
13.5
14.6
VOH
High-level output voltage
IOH = –5 mA
V
Full range
13.5
25°C
14.2
14.9
IOH = –1 mA
Full range
14.2
25°C
1.28
3.2
IOL = 100 mA
Full range
3.8
25°C
0.63
1
VOL
Low-level output voltage
IOL = 50 mA
V
Full range
1.5
25°C
0.12
0.3
IOL = 10 mA
Full range
0.45
25°C
360
600
IDD
Supply current(2)
μA
Full range
1000
(1)
Full-range TA is –40°C to 125°C.
(2)
These values apply for the expected operating configurations in which THRES is connected directly to DISCH or TRIG.
7.7 Operating Characteristics
VDD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 5 V to 15 V, CT = 0.1 μF,
Initial error of timing interval(1)
1%
3%
RA = RB = 1 kΩ to 100 kΩ
(2)
VDD = 5 V to 15 V, CT = 0.1 μF,
Supply voltage sensitivity of timing interval
0.1
0.5
%/V
RA = RB = 1 kΩ to 100 kΩ
(2)
tr
Output pulse rise time
RL = 10 MΩ, CL = 10 pF
20
75
ns
tf
Output pulse fall time
RL = 10 MΩ, CL = 10 pF
15
60
ns
fmax
Maximum frequency in astable mode
RA = 470 Ω, CT = 200 pF, RB = 200 Ω
(2)
1.2
2.1
MHz
(1)
Timing interval error is defined as the difference between the measured value and the average value of a random sample from each
process run.
(2)
RA, RB, and CT are as defined in Figure 1.
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TLC555-Q1


Similar Part No. - TLC555QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC555QDRQ1 TI-TLC555QDRQ1 Datasheet
195Kb / 13P
[Old version datasheet]   LinCMOS??TIMER
More results

Similar Description - TLC555QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC555-Q1 TI-TLC555-Q1 Datasheet
195Kb / 13P
[Old version datasheet]   LinCMOS??TIMER
TLC555-DIE TI1-TLC555-DIE Datasheet
71Kb / 5P
[Old version datasheet]   LinCMOS??TIMER
TLC555 TI-TLC555_V01 Datasheet
1Mb / 42P
[Old version datasheet]   TLC555 LinCMOS??Timer
TLC555 TI1-TLC555_V02 Datasheet
992Kb / 42P
[Old version datasheet]   TLC555 LinCMOS™ Timer
REVISED JULY 2019
TLC254 TI1-TLC254_15 Datasheet
535Kb / 28P
[Old version datasheet]   LinCMOS QUAD OPERATIONAL AMPLIFIERS
TLC372 TI-TLC372_V01 Datasheet
1Mb / 29P
[Old version datasheet]   LinCMOS DUAL DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC352CDRG4 TI1-TLC352CDRG4 Datasheet
864Kb / 16P
[Old version datasheet]   LinCMOS DUAL DIFFERENTAL COMPARATOR
TLC374 TI-TLC374 Datasheet
771Kb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC372-EP TI1-TLC372-EP_14 Datasheet
770Kb / 18P
[Old version datasheet]   LinCMOS??DUAL DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com