Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2556 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV2556
Description  11-Channel Low-Power Serial ADC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2556 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV2556_16 Datasheet HTML 7Page - Texas Instruments TLV2556_16 Datasheet HTML 8Page - Texas Instruments TLV2556_16 Datasheet HTML 9Page - Texas Instruments TLV2556_16 Datasheet HTML 10Page - Texas Instruments TLV2556_16 Datasheet HTML 11Page - Texas Instruments TLV2556_16 Datasheet HTML 12Page - Texas Instruments TLV2556_16 Datasheet HTML 13Page - Texas Instruments TLV2556_16 Datasheet HTML 14Page - Texas Instruments TLV2556_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
1
1
2
2
3
3
5
5
4
4
6
6
MSB–1 MSB–2 MSB–3 MSB–4 MSB–5 LSB+1
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D7
8
7
7
Previous Conversion Data
MSB
EOC
Initialize
Initialize
INT
A/D Conversion Interval
LSB
DATA OUT
I/O CLOCK
DATA IN
CS
t
conv
Low Level
Access Cycle
Sample Cycle
Shift in New Multiplexer Address,
Simultaneously Shift Out
Previous Conversion Result
Channel Address
Output Data
Format
MSB–1 MSB–2 MSB–3 MSB–4 MSB–5 MSB–6
MSB
1
2
3
5
4
6
10
11
12
1
MSB–1 MSB–2 MSB–3 MSB–4 MSB–5
MSB–8 MSB–9 LSB+1
2
3
D6
D5
D4
D3
D2
D1
D0
D6
D5
D7
8
7
9
MSB–6 MSB–7
D7
Previous Conversion Data
MSB
MSB
MSB–2
MSB–1
A/D Conversion Interval
EOC
Initialize
Initialize
INT
LSB
DATA OUT
I/O CLOCK
DATA IN
CS
Hi-Z State
t
conv
Access Cycle
Sample Cycle
Shift in New Multiplexer Address,
Simultaneously Shift Out Previous Conversion Result
Channel Address
Output Data
Format
TLV2556
www.ti.com
SLAS355B – DECEMBER 2001 – REVISED DECEMBER 2015
NOTE: To minimize errors caused by noise at CS, the internal circuitry waits for a set-up time after the CS falling edge before
responding to control input signals. Therefore, no attempt should be made to clock in an address until the minimum
CS setup time has elapsed.
Figure 3. Timing for 12-Clock Transfer Using CS With DATA OUT Set for MSB First
NOTE: To minimize errors caused by noise at CS, the internal circuitry waits for a set-up time after the CS falling edge before
responding to control input signals. Therefore, no attempt should be made to clock in an address until the minimum
CS setup time has elapsed.
Figure 4. Timing for 8-Clock Transfer Not Using CS With DATA OUT Set for MSB First
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLV2556


Similar Part No. - TLV2556_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
More results

Similar Description - TLV2556_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2553 TI1-TLV2553_15 Datasheet
1Mb / 36P
[Old version datasheet]   11-Channel, Low-Power, Serial ADC
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1 Datasheet
401Kb / 28P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
TLV2553 TI1-TLV2553_14 Datasheet
986Kb / 30P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit 200-KSPS 11-Channel Low-Power Serial ADC
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
logo
Maxim Integrated Produc...
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com