Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2556IDWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2556IDWR
Description  11-Channel Low-Power Serial ADC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2556IDWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2556IDWR Datasheet HTML 2Page - Texas Instruments TLV2556IDWR Datasheet HTML 3Page - Texas Instruments TLV2556IDWR Datasheet HTML 4Page - Texas Instruments TLV2556IDWR Datasheet HTML 5Page - Texas Instruments TLV2556IDWR Datasheet HTML 6Page - Texas Instruments TLV2556IDWR Datasheet HTML 7Page - Texas Instruments TLV2556IDWR Datasheet HTML 8Page - Texas Instruments TLV2556IDWR Datasheet HTML 9Page - Texas Instruments TLV2556IDWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
TLV2556
SLAS355B – DECEMBER 2001 – REVISED DECEMBER 2015
www.ti.com
Electrical Characteristics (continued)
over recommended operating free-air temperature range, when VCC = 5 V: VREF+ = 5 V, I/O CLOCK frequency = 15 MHz,
when VCC = 2.7 V: VREF+ = 2.5 V, I/O CLOCK frequency = 10 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VCC = 4.5 V
600
Zi
Input impedance(2)
Analog inputs
VCC = 2.7 V
500
Analog inputs
45
55
Ci
Input capacitance
pF
Control inputs
5
15
(2)
The switch resistance is very nonlinear and varies with input voltage and supply voltage. This is the worst case.
6.6 External Reference Specifications
See
(1)
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
VCC = 4.5 V to 5.5 V
–0.1
0
0.1
VREF–
Reference input voltage, REF–
V
VCC = 2.7 V to 3.6 V
–0.1
0
0.1
VCC = 4.5 V to 5.5 V
2
VCC
VREF+
Reference input voltage, REF+
V
VCC = 2.7 V to 3.6 V
2
VCC
VCC = 4.5 V to 5.5 V
1.9
VCC
External reference input voltage difference
V
(REF+ – REF–)
VCC = 2.7 V to 3.6 V
1.9
VCC
VCC = 4.5 V to 5.5 V
1
IREF
External reference supply current
CS = 0 V
mA
VCC = 2.7 V to 3.6 V
0.7
Static
1
M
VCC = 5 V
During sampling or conversion
6
9
k
ZREF
Reference input impedance
Static
1
M
VCC = 2.7 V
During sampling or conversion
6
9
k
(1)
Add a 0.1-
μF capacitor between REF+ and REF– pins when external reference is used.
(2)
All typical values are at VCC = 5 V, TA = 25°C.
6.7 Internal Reference Specifications
See
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN TYP(4)
MAX
UNIT
VREF–
Reference input voltage, REF–
VCC = 2.7 V to 5.5 V, REF- = Analog GND
0
V
Internal 4.096 V selected
3.95
4.065
4.25
VCC = 5.5 V
Internal reference delta voltage,
Internal 2.048 V selected
1.95
2.019
2.1
V
(REF+ – REF–)
VCC = 2.7 V
Internal 2.048 V selected
1.95
2.019
2.1
VCC = 5 V
20
Internal reference start-up time
With 10-µF load
ms
VCC = 2.7 V
20
Internal reference temperature coefficient
VCC = 2.7 V to 5.5 V
±50
ppm/°C
(1)
Add a 0.1-
μF capacitor between REF+ and REF– pins when external reference is used.
(2)
Add a 0.1-
μF capacitor between REF+ and REF– pins.
(3)
REF- must be connected to analog GND (the ground of the ADC).
(4)
All typical values are at VCC = 5 V, TA = 25°C.
6
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: TLV2556


Similar Part No. - TLV2556IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2556IDWR TI-TLV2556IDWR Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IDWR TI1-TLV2556IDWR Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IDWRG4 TI-TLV2556IDWRG4 Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IDWRG4 TI1-TLV2556IDWRG4 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
More results

Similar Description - TLV2556IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2553 TI1-TLV2553_15 Datasheet
1Mb / 36P
[Old version datasheet]   11-Channel, Low-Power, Serial ADC
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1 Datasheet
401Kb / 28P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
TLV2553 TI1-TLV2553_14 Datasheet
986Kb / 30P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit 200-KSPS 11-Channel Low-Power Serial ADC
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
logo
Maxim Integrated Produc...
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com