Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL0202 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPL0202
Description  Dual Channel Digital Potentiometer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0202 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPL0202 Datasheet HTML 2Page - Texas Instruments TPL0202 Datasheet HTML 3Page - Texas Instruments TPL0202 Datasheet HTML 4Page - Texas Instruments TPL0202 Datasheet HTML 5Page - Texas Instruments TPL0202 Datasheet HTML 6Page - Texas Instruments TPL0202 Datasheet HTML 7Page - Texas Instruments TPL0202 Datasheet HTML 8Page - Texas Instruments TPL0202 Datasheet HTML 9Page - Texas Instruments TPL0202 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
TPL0202
SLIS135D – DECEMBER 2010 – REVISED OCTOBER 2015
www.ti.com
Electrical Characteristics (continued)
VDD = 2.7 to 5.5 V, TA= –40°C to 105°C (unless otherwise noted). Typical values are at VDD= 5 V, TA= 25°C (unless otherwise
noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fH_A = 1 kHz,
XTALK
Crosstalk
VL_A = VL_B = VDD / 2, VH_B = Floating
-94
dB
Measurement at W_A and W_B
RHEOSTAT MODE (Measurements between W and L with H not connected, or between W and H with L not connected)
RINL (10) (11)
Integral non-linearity
–1.5
1.5
LSB
RDNL(10) (12)
Differential non-linearity
–0.5
0.5
LSB
ROFFSET
(13)
Offset
0
2.5
7
LSB
(14)
RMATCH
(13) (15)
Channel-to-channel matching
–2
2
LSB
(10) RLSB = (RMEAS[code 255] – RMEAS[code 0]) / 255
(11) RINL =((RMEAS[code x] – RMEAS[code 0]) / RLSB) - [code x]
(12) RDNL = ((RMEAS[code x] – RMEAS[code x-1]) / RLSB ) – 1
(13) IDEAL_RLSB = RTOT / 256
(14) ROFFSET = RMEAS[code 0] / IDEAL_RLSB
(15) RMATCH = (RMEAS_A[code x] – RMEAS_B[code x]) / IDEAL_RLSB
6.6 Operating Characteristics
VDD = 2.7 V to 5.5 V, VH= VDD, VL= GND, TA= –40°C to 105°C (unless otherwise noted). Typical values are at VDD= 5 V, TA=
25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD(STBY)
VDD supply current during standby
Digital inputs = VDD or GND
1
5
µA
VDD supply current during write cycle
IDD
Digital inputs = VDD or GND
400
µA
only
Digital pins leakage current (SCLK,
IIN-DIG
–1
1
µA
DIN, CS inputs)
Minimum VDD at which memory
VPOR
Power-on recall voltage
2
V
recall occurs
EEPROM SPECIFICATION
TA = 105°C
1000
EEPROM read endurance
cycles
TA = 25°C
10000
TA = 105°C
20
EEPROM retention
years
TA = 85°C
100
tBUSY
Write NV register busy time
20
ms
Time from CS rising edge to wiper
tACC
Read NV register access time
start to 10% of expected change
40
ns
with read NVM command
Power-up response time (VDD above
Time from VPOR to wiper output
tD
VPOR to wiper register value recall
35
100
µs
settled
completed)
SERIAL INTERFACE SPECIFICATIONS (SCLK, DIN, CS INPUTS)
VDD = 3.6 to 5.5 V
2.4
5.5
VIH
Input high voltage
V
VDD = 2.7 to 3.6 V
0.7 × VDD
5.5
VIL
Input low voltage
SCLK, DIN, CS inputs
0
0.8
V
CIN
Pin capacitance
SCLK, DIN, CS inputs
7
pF
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPL0202


Similar Part No. - TPL0202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
TPL0202-10MRTER TI1-TPL0202-10MRTER Datasheet
948Kb / 30P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
TPL0202-10RUCR TI1-TPL0202-10RUCR Datasheet
948Kb / 30P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
More results

Similar Description - TPL0202

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
   Dual Digital Potentiometer
19-6589; Rev 1; 1/14
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
   Dual Digital Potentiometer
logo
Maxim Integrated Produc...
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
   Dual Digital Potentiometer
19-6593; Rev 1; 1/14
logo
Dallas Semiconductor
DS1803 DALLAS-DS1803 Datasheet
284Kb / 11P
   Addressable Dual Digital Potentiometer
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
   Dual Digital Potentiometer Chip
DS1808 DALLAS-DS1808 Datasheet
431Kb / 17P
   Dual Log Digital Potentiometer
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
CAT5269 ONSEMI-CAT5269_13 Datasheet
212Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
logo
Dallas Semiconductor
DS1868 DALLAS-DS1868 Datasheet
276Kb / 14P
   Dual Digital Potentiometer Chip
logo
Maxim Integrated Produc...
DS1267 MAXIM-DS1267 Datasheet
315Kb / 12P
   Dual Digital Potentiometer Chip
102199
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com