Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7042 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7042
Description  Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7042 Datasheet(HTML) 4 Page - Texas Instruments

  ADS7042 Datasheet HTML 1Page - Texas Instruments ADS7042 Datasheet HTML 2Page - Texas Instruments ADS7042 Datasheet HTML 3Page - Texas Instruments ADS7042 Datasheet HTML 4Page - Texas Instruments ADS7042 Datasheet HTML 5Page - Texas Instruments ADS7042 Datasheet HTML 6Page - Texas Instruments ADS7042 Datasheet HTML 7Page - Texas Instruments ADS7042 Datasheet HTML 8Page - Texas Instruments ADS7042 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
1
2
3
4
8
7
6
5
DVDD
SCLK
SDO
CS
AINM
AINP
AVDD
GND
1
2
3
7
6
5
CS
SDO
SCLK
DVDD
GND
AVDD
AINP
AINM
ADS7042
SBAS608C – JUNE 2014 – REVISED DECEMBER 2015
www.ti.com
5 Pin Configuration and Functions
RUG Package
DCU Package
8-Pin X2QFN
8-Pin Leaded VSSOP
Top View
Top View
Pin Functions
PIN
NO.
NAME
RUG
DCU
I/O
DESCRIPTION
AINM
8
5
Analog input
Analog signal input, negative
AINP
7
6
Analog input
Analog signal input, positive
AVDD
6
7
Supply
Analog power-supply input, also provides the reference voltage to the ADC
CS
1
4
Digital input
Chip-select signal, active low
DVDD
4
1
Supply
Digital I/O supply voltage
GND
5
8
Supply
Ground for power supply, all analog and digital signals are referred to this pin
SCLK
3
2
Digital input
Serial clock
SDO
2
3
Digital output
Serial data out
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADS7042


Similar Part No. - ADS7042

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
ADS7040IDCUR TI1-ADS7040IDCUR Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040IDCUT TI1-ADS7040IDCUT Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040IRUGR TI1-ADS7040IRUGR Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040 TI1-ADS7040_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
More results

Similar Description - ADS7042

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044_16 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043 Datasheet
923Kb / 35P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043_15 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
ADS7056 TI1-ADS7056 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
[Old version datasheet]   12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7049-Q1 TI1-ADS7049-Q1 Datasheet
550Kb / 30P
[Old version datasheet]   ADS7049-Q1 Small-Size, Low-Power, 12-Bit, 2-MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com