Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSO612CV Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BSO612CV
Description  SIPMOS Small-Signal-Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO612CV Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BSO612CV Datasheet HTML 4Page - Infineon Technologies AG BSO612CV Datasheet HTML 5Page - Infineon Technologies AG BSO612CV Datasheet HTML 6Page - Infineon Technologies AG BSO612CV Datasheet HTML 7Page - Infineon Technologies AG BSO612CV Datasheet HTML 8Page - Infineon Technologies AG BSO612CV Datasheet HTML 9Page - Infineon Technologies AG BSO612CV Datasheet HTML 10Page - Infineon Technologies AG BSO612CV Datasheet HTML 11Page - Infineon Technologies AG BSO612CV Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
1999-09-22
Page 8
Preliminary data
BSO 612 CV
Typ. transfer characteristics (N-Ch.)
parameter:
tp = 80 µs
ID = f (VGS), VDS ≥ 2 x ID x RDS(on)max
0
1
2
3
4
5
VGS
7
V
0
1
2
3
4
5
6
7
8
A
10
Typ. transfer characteristics (P-Ch.)
parameter:
tp = 80 µs
ID = f (VGS), VDS ≥ 2 x ID x RDS(on)max
0.0
1.0
2.0
3.0
4.0
VGS
6.0
V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
A
5.0
Typ. forward transconductance (N-Ch.)
gfs = f(ID); Tj = 25 °C
parameter:
gfs
0
1
2
3
4
5
6
7
8
A
10
ID
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
S
7.0
Typ. forward transconductance (P-Ch.)
gfs = f(ID); Tj = 25 °C
parameter:
gfs
0.0
-1.0
-2.0
-3.0
-4.0
A
-6.0
ID
0.0
0.5
1.0
1.5
2.0
2.5
3.0
S
4.0


Similar Part No. - BSO612CV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO612CV INFINEON-BSO612CV Datasheet
392Kb / 13P
   SIPMOS횘 Small-Signal-Transistor
2012-04-04
BSO612CVG INFINEON-BSO612CVG Datasheet
2Mb / 13P
   SIPMOS Small-Signal-Transistor
2006-08-25
BSO612CV INFINEON-BSO612CV_12 Datasheet
392Kb / 13P
   SIPMOS횘 Small-Signal-Transistor
2012-04-04
More results

Similar Description - BSO612CV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com