Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSO615 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BSO615
Description  SIPMOS Small-Signal-Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO615 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BSO615 Datasheet HTML 5Page - Infineon Technologies AG BSO615 Datasheet HTML 6Page - Infineon Technologies AG BSO615 Datasheet HTML 7Page - Infineon Technologies AG BSO615 Datasheet HTML 8Page - Infineon Technologies AG BSO615 Datasheet HTML 9Page - Infineon Technologies AG BSO615 Datasheet HTML 10Page - Infineon Technologies AG BSO615 Datasheet HTML 11Page - Infineon Technologies AG BSO615 Datasheet HTML 12Page - Infineon Technologies AG BSO615 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
1999-10-28
Page 9
Preliminary data
BSO 615 C
Drain-source on-resistance (N-Ch.)
RDS(on) = f (Tj)
parameter :
ID = 3.1 A , VGS = 10 V
-60
-20
20
60
100
°C
180
Tj
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.30
BSO 615 C
typ
98%
Drain-source on-resistance (P-Ch.)
RDS(on) = f (Tj)
parameter :
ID = -2 A , VGS = -10 V
-60
-20
20
60
100
°C
180
Tj
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.80
BSO 615 C
typ
98%
Gate threshold voltage (N-Ch.)
VGS(th) = f (Tj)
parameter:
VGS = VDS, ID = 20 µA
-60
-20
20
60
100
°C
160
Tj
0.0
0.2
0.5
0.8
1.0
1.2
1.5
1.8
2.0
2.2
2.5
V
3.0
2%
-60
-20
20
60
100
°C
160
Tj
0.0
0.2
0.5
0.8
1.0
1.2
1.5
1.8
2.0
2.2
2.5
V
3.0
typ
-60
-20
20
60
100
°C
160
Tj
0.0
0.2
0.5
0.8
1.0
1.2
1.5
1.8
2.0
2.2
2.5
V
3.0
98%
-60
-20
20
60
100
°C
160
Tj
0.0
0.2
0.5
0.8
1.0
1.2
1.5
1.8
2.0
2.2
2.5
V
3.0
Gate threshold voltage (P-Ch.)
VGS(th) = f (Tj)
parameter:
VGS = VDS, ID = -450 µA
-60
-20
20
60
100
°C
160
Tj
0.0
-0.2
-0.5
-0.8
-1.0
-1.2
-1.5
-1.8
-2.0
-2.2
-2.5
V
-3.0
2%
-60
-20
20
60
100
°C
160
Tj
0.0
-0.2
-0.5
-0.8
-1.0
-1.2
-1.5
-1.8
-2.0
-2.2
-2.5
V
-3.0
typ
-60
-20
20
60
100
°C
160
Tj
0.0
-0.2
-0.5
-0.8
-1.0
-1.2
-1.5
-1.8
-2.0
-2.2
-2.5
V
-3.0
98%
-60
-20
20
60
100
°C
160
Tj
0.0
-0.2
-0.5
-0.8
-1.0
-1.2
-1.5
-1.8
-2.0
-2.2
-2.5
V
-3.0


Similar Part No. - BSO615

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO615 INFINEON-BSO615 Datasheet
104Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
BSO615C INFINEON-BSO615C Datasheet
440Kb / 13P
   SIPMOS횘 Small-Signal-Transistor
2012-04-04
BSO615CG INFINEON-BSO615CG Datasheet
1Mb / 13P
   SIPMOS Small-Signal-Transistor
2006-08-25
BSO615CG INFINEON-BSO615CG_12 Datasheet
440Kb / 13P
   SIPMOS횘 Small-Signal-Transistor
2012-04-04
BSO615CT INFINEON-BSO615CT Datasheet
161Kb / 13P
   SIPMOS Small-Signal-Transistor
1999-10-28
More results

Similar Description - BSO615

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com