Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8810 Datasheet(PDF) 7 Page - Microchip Technology

Part # LAN8810
Description  GMII 10/100/1000 Ethernet Transceiver
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8810 Datasheet(HTML) 7 Page - Microchip Technology

Back Button LAN8810 Datasheet HTML 3Page - Microchip Technology LAN8810 Datasheet HTML 4Page - Microchip Technology LAN8810 Datasheet HTML 5Page - Microchip Technology LAN8810 Datasheet HTML 6Page - Microchip Technology LAN8810 Datasheet HTML 7Page - Microchip Technology LAN8810 Datasheet HTML 8Page - Microchip Technology LAN8810 Datasheet HTML 9Page - Microchip Technology LAN8810 Datasheet HTML 10Page - Microchip Technology LAN8810 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001870B-page 7
LAN8810/LAN8810I
Note 2-1
Configuration strap values are latched on hardware reset. Configuration straps are identified by an
underlined symbol name. Signals that function as configuration straps must be augmented with an
external resistor when connected to a load. Refer to Section 3.8, "Configuration," on page 23 for
additional information.
1
Receive Data 6
RXD6
VO6
The PHY transfers data to the MAC using this
signal.
1
Receive Data 7
RXD7
VO6
The PHY transfers data to the MAC using this
signal.
1
Receive Data
Valid
RXDV
VO6
Indicates that recovered and decoded data is being
presented on the receive data pins.
1
Receive Error
RXER
VO6
Asserted to indicate an error has been detected in
the frame presently being transferred from the
PHY.
1
Receive Clock
RXCLK
VO6
Used to transfer data to the MAC.
GMII (1000BASE-T): 125MHz
MII (100BASE-TX): 25MHz
MII (10BASE-T): 2.5MHz
1
Collision Detect
COL
VO6
Asserted to indicate detection of a collision
condition. (used in half-duplex mode only)
1
Carrier Sense
CRS
VO6
Indicates detection of carrier. (used in half-duplex
mode only)
TABLE 2-2:
SERIAL MANAGEMENT INTERFACE (SMI) PINS
Num
Pins
Name
Symbols
Buffer
Type
Description
1
SMI Clock
MDC
VIS
(PD)
Serial Management Interface clock.
1
SMI Data Input/
Output
MDIO
VIS/VO8
(PU)
Serial Management Interface data input/output.
TABLE 2-1:
GMII INTERFACE PINS (CONTINUED)
Num
Pins
Name
Symbols
Buffer
Type
Description


Similar Part No. - LAN8810

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8810I-AKZE MICROCHIP-LAN8810I-AKZE Datasheet
1Mb / 100P
   GMII 10/100/1000 Ethernet Transceiver with HP Auto-MDIX Support
More results

Similar Description - LAN8810

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8810I-AKZE MICROCHIP-LAN8810I-AKZE Datasheet
1Mb / 100P
   GMII 10/100/1000 Ethernet Transceiver with HP Auto-MDIX Support
LAN8820 MICROCHIP-LAN8820 Datasheet
737Kb / 83P
   RGMII 10/100/1000 Ethernet Transceiver
07/14/15
logo
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
logo
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251CN-VB-GR REALTEK-RTL8251CN-VB-GR Datasheet
1Mb / 52P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BN-GR REALTEK-RTL8211BN-GR Datasheet
788Kb / 45P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
logo
List of Unclassifed Man...
AR8035 ETC2-AR8035 Datasheet
573Kb / 64P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com