Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8820I Datasheet(PDF) 6 Page - Microchip Technology

Part # LAN8820I
Description  RGMII 10/100/1000 Ethernet Transceiver
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820I Datasheet(HTML) 6 Page - Microchip Technology

Back Button LAN8820I Datasheet HTML 2Page - Microchip Technology LAN8820I Datasheet HTML 3Page - Microchip Technology LAN8820I Datasheet HTML 4Page - Microchip Technology LAN8820I Datasheet HTML 5Page - Microchip Technology LAN8820I Datasheet HTML 6Page - Microchip Technology LAN8820I Datasheet HTML 7Page - Microchip Technology LAN8820I Datasheet HTML 8Page - Microchip Technology LAN8820I Datasheet HTML 9Page - Microchip Technology LAN8820I Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 83 page
background image
LAN8820/LAN8820I
DS00001871B-page 6
 2009-2015 Microchip Technology Inc.
Note 2-1
Configuration strap values are latched on hardware reset. Configuration straps are identified by an
underlined symbol name. Signals that function as configuration straps must be augmented with an
external resistor when connected to a load. Refer to Section 3.8, "Configuration," on page 23 for
additional information.
TABLE 2-1:
RGMII INTERFACE PINS
Num
Pins
Name
Symbols
Buffer
Type
Description
1
Transmit Data 0
TXD0
IS
(PD)
The MAC transmits data to the PHY using this
signal.
1
Transmit Data 1
TXD1
IS
(PD)
The MAC transmits data to the PHY using this
signal.
1
Transmit Data 2
TXD2
IS
(PD)
The MAC transmits data to the PHY using this
signal.
1
Transmit Data 3
TXD3
IS
(PD)
The MAC transmits data to the PHY using this
signal.
1
Transmit
Control
TXCTRL
IS
(PD)
Indicates both the transmit data enable (TXEN) and
transmit error (TXER) functions per the RGMII
specification.
1
Transmit Clock
TXC
IS
(PD)
Used to latch data from the MAC into the PHY.
1000BASE-T: 125MHz
100BASE-TX: 25MHz
10BASE-T: 2.5MHz
1
Receive Data 0
RXD0
O6
The PHY transfers data to the MAC using this
signal.
1
Receive Data 1
RXD1
O6
The PHY transfers data to the MAC using this
signal.
1
Receive Data 2
RXD2
O6
The PHY transfers data to the MAC using this
signal.
1
Receive Data 3
RXD3
O6
The PHY transfers data to the MAC using this
signal.
1
Receive Control
RXCTRL
O6
Indicates both the receive data valid (RXDV) and
receive error (RXER) functions per the RGMII
specification.
1
Receive Clock
RXC
O6
Used to transfer data to the MAC.
1000BASE-T: 125MHz
100BASE-TX: 25MHz
10BASE-T: 2.5MHz


Similar Part No. - LAN8820I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8810 MICROCHIP-LAN8810 Datasheet
770Kb / 83P
   GMII 10/100/1000 Ethernet Transceiver
07/14/15
LAN8810I MICROCHIP-LAN8810I Datasheet
770Kb / 83P
   GMII 10/100/1000 Ethernet Transceiver
07/14/15
LAN8810I-AKZE MICROCHIP-LAN8810I-AKZE Datasheet
1Mb / 100P
   GMII 10/100/1000 Ethernet Transceiver with HP Auto-MDIX Support
LAN88730 MICROCHIP-LAN88730 Datasheet
918Kb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver for Automotive Applications
07/14/15
LAN88730AM-C MICROCHIP-LAN88730AM-C Datasheet
918Kb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver for Automotive Applications
07/14/15
More results

Similar Description - LAN8820I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8810 MICROCHIP-LAN8810 Datasheet
770Kb / 83P
   GMII 10/100/1000 Ethernet Transceiver
07/14/15
logo
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
logo
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251CN-VB-GR REALTEK-RTL8251CN-VB-GR Datasheet
1Mb / 52P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BN-GR REALTEK-RTL8211BN-GR Datasheet
788Kb / 45P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
logo
List of Unclassifed Man...
AR8035 ETC2-AR8035 Datasheet
573Kb / 64P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
logo
Realtek Semiconductor C...
RTL8211BG-GR REALTEK-RTL8211BG-GR Datasheet
747Kb / 49P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com